Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS731125DBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS731125DBVR
Description  Low Dropout Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS731125DBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS731125DBVR Datasheet HTML 6Page - Texas Instruments TPS731125DBVR Datasheet HTML 7Page - Texas Instruments TPS731125DBVR Datasheet HTML 8Page - Texas Instruments TPS731125DBVR Datasheet HTML 9Page - Texas Instruments TPS731125DBVR Datasheet HTML 10Page - Texas Instruments TPS731125DBVR Datasheet HTML 11Page - Texas Instruments TPS731125DBVR Datasheet HTML 12Page - Texas Instruments TPS731125DBVR Datasheet HTML 13Page - Texas Instruments TPS731125DBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
25 ms/div
50 mV/div
50 mV/div
V
OUT
V
OUT
I
OUT
150 mA
10 mA
C
OUT
= 0 mF
C
FB
= 10 nF
R
1
= 39.2 kW
C
OUT
= 10 mF
5 ms/div
100 mV/div
100 mV/div
V
OUT
V
OUT
V
IN
4.5 V
3.5 V
C
OUT
= 0 mF
V
OUT
= 2.5 V
C
FB
= 10 nF
C
OUT
= 10 mF
60
55
50
45
40
35
30
25
20
C
FB (F)
10p
100p
1n
10n
V
OUT = 2.5 V
C
OUT = 0 mF
R
1 = 39.2 kW
10 Hz < Frequency < 100 kHz
160
140
120
100
80
60
40
20
0
-50
- 25
0
25
50
75
100
125
Temperature (°C)
TPS731
SBVS034N – SEPTEMBER 2003 – REVISED DECEMBER 2015
www.ti.com
Typical Characteristics (continued)
For all voltage versions at TJ= 25°C, VIN = VOUT(nom) + 0.5 V, IOUT = 10 mA, VEN = 1.7 V, and COUT = 0.1 μF, unless otherwise
noted.
Figure 26. TPS73101 IFB vs Temperature
Figure 25. TPS73101 RMS Noise Voltage vs CFB
Figure 27. TPS73101 Load Transient, Adjustable Version
Figure 28. TPS73101 Line Transient, Adjustable Version
10
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: TPS731


Similar Part No. - TPS731125DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS731125DBVR TI-TPS731125DBVR Datasheet
300Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS731125DBVRG4 TI-TPS731125DBVRG4 Datasheet
300Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS731125DBVR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com