Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54327DDA Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54327DDA
Description  Output Single Synchronous Step-Down Switcher
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54327DDA Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54327DDA Datasheet HTML 7Page - Texas Instruments TPS54327DDA Datasheet HTML 8Page - Texas Instruments TPS54327DDA Datasheet HTML 9Page - Texas Instruments TPS54327DDA Datasheet HTML 10Page - Texas Instruments TPS54327DDA Datasheet HTML 11Page - Texas Instruments TPS54327DDA Datasheet HTML 12Page - Texas Instruments TPS54327DDA Datasheet HTML 13Page - Texas Instruments TPS54327DDA Datasheet HTML 14Page - Texas Instruments TPS54327DDA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
2
2
=
IPP
Lo(RMS)
O
1
+
12
I
I
I
lpp
=
+
Ipeak
O
2
I
I
I
V
V
V
IN(max)
OUT
OUT
=
x
IPP
V
L
x
IN(max)
O
SW
-
I
f
F
=
P
OUT
OUT
1
2
L
x C
p
V
= 0.765 x
OUT
R1
1 +
R2
æ
ö÷
ç
÷
ç
÷÷
çè
ø
TPS54327
www.ti.com
SLVSAG1C – DECEMBER 2010 – REVISED DECEMBER 2015
8.2.2.1 Output Voltage Resistors Selection
The output voltage is set with a resistor divider from the output node to the VFB pin. TI recommends using 1%
tolerance or better divider resistors. Start by using Equation 2 to calculate VOUT.
To improve efficiency at very light loads consider using larger value resistors, too high of resistance will be more
susceptible to noise and voltage errors from the VFB input current will be more noticeable.
(2)
8.2.2.2 Output Filter Selection
The output filter used with the TPS54327 is an LC circuit. This LC filter has double pole at:
(3)
At low frequencies, the overall loop gain is set by the output set-point resistor divider network and the internal
gain of the TPS54327. The low-frequency phase is 180 degrees. At the output filter pole frequency, the gain rolls
off at a -40 dB per decade rate and the phase drops rapidly. D-CAP2™ introduces a high-frequency zero that
reduces the gain roll off to -20 dB per decade and increases the phase to 90 degrees one decade above the
zero frequency. The inductor and capacitor selected for the output filter must be selected so that the double pole
of Equation 3 is located below the high-frequency zero but close enough that the phase boost provided be the
high-frequency zero provides adequate phase margin for a stable circuit. To meet this requirement use the
values recommended in Table 2
Table 2. Recommended Component Values
OUTPUT VOLTAGE (V)
R1 (k
Ω)
R2 (k
Ω)
C4 (pF)
L1 (µH)
C8 + C9 (µF)
1
6.81
22.1
1.5
22 to 68
1.05
8.25
22.1
1.5
22 to 68
1.2
12.7
22.1
1.5
22 to 68
1.8
30.1
22.1
5 - 22
2.2
22 to 68
2.5
49.9
22.1
5 - 22
2.2
22 to 68
3.3
73.2
22.1
5 - 22
2.2
22 to 68
5
124
22.1
5 - 22
3.3
22 to 68
6.5
165
22.1
5 - 22
3.3
22 to 68
Because the DC gain is dependent on the output voltage, the required inductor value will increase as the output
voltage increases. For higher output voltages above 1.8 V, additional phase boost can be achieved by adding a
feed forward capacitor (C4) in parallel with R1
The inductor peak-to-peak ripple current, peak current and RMS current are calculated using Equation 4,
Equation 5 and Equation 6. The inductor saturation current rating must be greater than the calculated peak
current and the RMS or heating current rating must be greater than the calculated RMS current. Use 700 kHz for
fSW.
Use 700 kHz for fSW. Make sure the chosen inductor is rated for the peak current of Equation 5 and the RMS
current of Equation 6.
(4)
(5)
(6)
For this design example, the calculated peak current is 3.47 A and the calculated RMS current is 3.01 A. The
inductor used is a TDK SPM6530-1R5M100 with a peak current rating of 11.5 A and an RMS current rating of
11 A.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS54327


Similar Part No. - TPS54327DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54327DDA TI1-TPS54327DDA Datasheet
569Kb / 20P
[Old version datasheet]   3-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFTTM )
TPS54327DDAR TI1-TPS54327DDAR Datasheet
569Kb / 20P
[Old version datasheet]   3-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFTTM )
More results

Similar Description - TPS54327DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54618-Q1 TI1-TPS54618-Q1_16 Datasheet
1Mb / 42P
[Old version datasheet]   Synchronous Step-Down SWIFT Switcher
TPS54327 TI-TPS54327_15 Datasheet
1Mb / 27P
[Old version datasheet]   3-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET
TPS54425 TI-TPS54425_10 Datasheet
642Kb / 22P
[Old version datasheet]   4-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54425 TI-TPS54425_15 Datasheet
1Mb / 25P
[Old version datasheet]   4-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
logo
Monolithic Power System...
MP2117 MPS-MP2117 Datasheet
779Kb / 12P
   1.25MHz, 2.2A Synchronous Step-Down Switcher
Rev. 0.92 6/20/2022
logo
Texas Instruments
TPS54327 TI1-TPS54327 Datasheet
569Kb / 20P
[Old version datasheet]   3-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFTTM )
logo
Monolithic Power System...
MPQ2143H MPS-MPQ2143H Datasheet
897Kb / 15P
   3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
   42V, 6A Synchronous Step-Down Silent Switcher
LT8642-1 AD-LT8642-1 Datasheet
1Mb / 26P
   18V, 10A Synchronous Step-Down Silent Switcher
Rev. 0
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
   5V, 6A Synchronous Step-Down Silent Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com