Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62590 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS62590
Description  1-A Step Down Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62590 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62590_15 Datasheet HTML 5Page - Texas Instruments TPS62590_15 Datasheet HTML 6Page - Texas Instruments TPS62590_15 Datasheet HTML 7Page - Texas Instruments TPS62590_15 Datasheet HTML 8Page - Texas Instruments TPS62590_15 Datasheet HTML 9Page - Texas Instruments TPS62590_15 Datasheet HTML 10Page - Texas Instruments TPS62590_15 Datasheet HTML 11Page - Texas Instruments TPS62590_15 Datasheet HTML 12Page - Texas Instruments TPS62590_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
TPS62590
www.ti.com
SLVS897C – JANUARY 2009 – REVISED DECEMBER 2015
7.4 Device Functional Modes
7.4.1 Soft-Start
The TPS62590 has an internal soft-start circuit that controls the ramp up of the output voltage. The output
voltage ramps up from 5% to 95% of its nominal value within typical 250
μs. This limits the inrush current in the
converter during ramp up and prevents possible input voltage drops when a battery or high impedance power
source is used. The soft start circuit is enabled within the start up time tStart Up.
7.4.2 Power-Save Mode
The power-save mode is enabled with MODE pin set to low level. If the load current decreases, the converter will
enter power save mode operation automatically. During power save mode the converter skips switching and
operates with reduced frequency in PFM mode with a minimum quiescent current to maintain high efficiency. The
converter will position the output voltage +1% above the nominal output voltage typically. This voltage positioning
feature minimizes voltage drops caused by a sudden load step.
The transition from PWM mode to PFM mode occurs once the inductor current in the low-side MOSFET switch
becomes zero, which indicates discontinuous conduction mode.
During the power-save mode the output voltage is monitored with a PFM comparator. As the output voltage falls
below the PFM comparator threshold of VOUT nominal +1%, the device starts a PFM current pulse. For this the
high-side MOSFET switch will turn on and the inductor current ramps up. After the ON-time expires, the switch is
turned off and the low-side MOSFET switch is turned on until the inductor current becomes zero.
The converter effectively delivers a current to the output capacitor and the load. If the load is below the delivered
current, the output voltage will rise. If the output voltage is equal to or higher than the PFM comparator threshold,
the device stops switching and enters a sleep mode with typical 15-
μA current consumption.
If the output voltage is still below the PFM comparator threshold, a sequence of further PFM current pulses are
generated until the PFM comparator threshold is reached. The converter starts switching again once the output
voltage drops below the PFM comparator threshold.
With a fast single threshold comparator, the output voltage ripple during PFM mode operation can be kept small.
The PFM pulse is time controlled, which allows to modify the charge transferred to the output capacitor by the
value of the inductor. The resulting PFM output voltage ripple and PFM frequency depend in first order on the
size of the output capacitor and the inductor value. Increasing output capacitor values and inductor values will
minimize the output ripple. The PFM frequency decreases with smaller inductor values and increases with larger
values.
The PFM mode is left and PWM mode entered in case the output current can not longer be supported in PFM
mode. The power save mode can be disabled through the MODE pin set to high. The converter will then operate
in fixed frequency PWM mode.
7.4.3 100% Duty Cycle Low Dropout Operation
The device starts to enter 100% duty cycle mode once the input voltage comes close the nominal output voltage.
To maintain the output voltage, the high-side MOSFET switch is turned on 100% for one or more cycles.
With further decreasing VIN the high side MOSFET switch is turned on completely. In this case, the converter
offers a low input-to-output voltage difference. This is particularly useful in battery-powered applications to
achieve longest operation time by taking full advantage of the whole battery voltage range.
The minimum input voltage to maintain regulation depends on the load current and output voltage, and can be
calculated by Equation 1:
VINmin = VOUTmax + IOUTmax × RDS(on)max + RL)
where
IOUTmax = Maximum output current plus inductor ripple current
RDS(on)max = Maximum P-channel switch RDS(on)
RL = DC resistance of the inductor
VOUTmax = Nominal output voltage plus maximum output voltage tolerance
(1)
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS62590


Similar Part No. - TPS62590_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
More results

Similar Description - TPS62590_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR16010 TI1-LMR16010 Datasheet
161Kb / 9P
[Old version datasheet]   1 A Step-Down Converter
TPS5410 TI1-TPS5410_17 Datasheet
1Mb / 30P
[Old version datasheet]   1-A, Wide Input Range, Step-Down Converter
logo
Exar Corporation
XRPWRKIT-LWP-1 EXAR-XRPWRKIT-LWP-1 Datasheet
317Kb / 7P
   1 A/ 1 A Dual Channel 1 .5MHz Sync . Step Down Converter
logo
Texas Instruments
LMR16020 TI1-LMR16020 Datasheet
161Kb / 9P
[Old version datasheet]   2 A Step-Down Converter
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5410-EP TI-TPS5410-EP Datasheet
768Kb / 24P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT CONVERTER
TPS5410-Q1 TI-TPS5410-Q1_15 Datasheet
858Kb / 26P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5410-Q1 TI1-TPS5410-Q1 Datasheet
910Kb / 25P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5410 TI-TPS5410_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS5410 1-A, Wide Input Range, Step-Down Converter
TPS5410-EP TI-TPS5410-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT??CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com