Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54327DRCR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54327DRCR
Description  Output Single Synchronous Step-Down Switcher
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54327DRCR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54327DRCR Datasheet HTML 6Page - Texas Instruments TPS54327DRCR Datasheet HTML 7Page - Texas Instruments TPS54327DRCR Datasheet HTML 8Page - Texas Instruments TPS54327DRCR Datasheet HTML 9Page - Texas Instruments TPS54327DRCR Datasheet HTML 10Page - Texas Instruments TPS54327DRCR Datasheet HTML 11Page - Texas Instruments TPS54327DRCR Datasheet HTML 12Page - Texas Instruments TPS54327DRCR Datasheet HTML 13Page - Texas Instruments TPS54327DRCR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
TPS54327
SLVSAG1C – DECEMBER 2010 – REVISED DECEMBER 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TPS54327 device is used as a step converter that converts a voltage of 4.5 V to 18 V to a lower voltage.
WEBENCH software is available to aid in the design and analysis of circuits.
8.2 Typical Application
Figure 7. Schematic Diagram
8.2.1 Design Requirements
Use the parameters in Table 1 for this application.
Table 1. TPS54327EVM-686 Performance Specifications Summary
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range (VIN)
4.5
12
18
V
Output voltage
1.05
V
Operating frequency
VIN = 12 V, IO = 1 A
675
kHz
Output current range
0
3
A
8.2.2 Detailed Design Procedure
To begin the design process, you must know a few application parameters:
Input voltage range
Output voltage
Output current
Output voltage ripple
Input voltage ripple
10
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TPS54327


Similar Part No. - TPS54327DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54327DDA TI1-TPS54327DDA Datasheet
569Kb / 20P
[Old version datasheet]   3-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFTTM )
TPS54327DDAR TI1-TPS54327DDAR Datasheet
569Kb / 20P
[Old version datasheet]   3-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFTTM )
More results

Similar Description - TPS54327DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54618-Q1 TI1-TPS54618-Q1_16 Datasheet
1Mb / 42P
[Old version datasheet]   Synchronous Step-Down SWIFT Switcher
TPS54327 TI-TPS54327_15 Datasheet
1Mb / 27P
[Old version datasheet]   3-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET
TPS54425 TI-TPS54425_10 Datasheet
642Kb / 22P
[Old version datasheet]   4-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54425 TI-TPS54425_15 Datasheet
1Mb / 25P
[Old version datasheet]   4-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
logo
Monolithic Power System...
MP2117 MPS-MP2117 Datasheet
779Kb / 12P
   1.25MHz, 2.2A Synchronous Step-Down Switcher
Rev. 0.92 6/20/2022
logo
Texas Instruments
TPS54327 TI1-TPS54327 Datasheet
569Kb / 20P
[Old version datasheet]   3-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFTTM )
logo
Monolithic Power System...
MPQ2143H MPS-MPQ2143H Datasheet
897Kb / 15P
   3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
   42V, 6A Synchronous Step-Down Silent Switcher
LT8642-1 AD-LT8642-1 Datasheet
1Mb / 26P
   18V, 10A Synchronous Step-Down Silent Switcher
Rev. 0
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
   5V, 6A Synchronous Step-Down Silent Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com