Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAP104035 Datasheet(PDF) 3 Page - AVX Corporation

Part # TAP104035
Description  Dipped Radial Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAP104035 Datasheet(HTML) 3 Page - AVX Corporation

  TAP104035 Datasheet HTML 1Page - AVX Corporation TAP104035 Datasheet HTML 2Page - AVX Corporation TAP104035 Datasheet HTML 3Page - AVX Corporation TAP104035 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
190
NOVEMBER 2014
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
0.10 μF to 330 μF
Capacitance Tolerance:
±20%; ±10% (±5% consult your AVX representative for details)
Rated Voltage DC (V
R)
+85°C:
6.3
10
16
20
25
35
50
Category Voltage (V
C)
+125°C:
4
6.3
10
13
16
23
33
Surge Voltage (V
S)
+85°C:
8
13
20
26
33
46
65
Surge Voltage (V
S)
+125°C:
5
9
12
16
21
28
40
Temperature Range:
-55°C to +125°C
Environmental Classification:
55/125/56 (IEC 68-2)
Dissipation Factor:
0.04 for C
R 0.1-1.5μF
0.06 for C
R 2.2-6.8μF
0.08 for C
R 10-68μF
0.10 for C
R 100-330μF
Reliability:
1% per 1000 hrs. at 85°C with 0.1Ω/V series impedance, 60% confidence level.
Qualification:
CECC 30201 - 032
Capacitance
Rated voltage DC (V
R)
μF
Code
6.3V
10V
16V
20V
25V
35V
50V
0.10
104
AA
0.15
154
AA
0.22
224
AA
0.33
334
AA
0.47
474
AA
0.68
684
AB
1.0
105
A
A
A
C
1.5
155
A
A
A
A
D
2.2
225
A
A
A
A
B
E
3.3
335
A
A
A
B
B
C
F
4.7
475
A
A
B
C
C
E
G
6.8
685
A
B
C
D
D
F
H
10
106
B
C
D
E
E
F
J
15
156
C
D
E
F
F
H
K
22
226
D
E
F
H
H
K
L
33
336
E
F
F
J
J
M
47
476
F
G
J
K
M
N
68
686
G
H
L
N
N
100
107
H
K
N
N
150
157
K
N
N
220
227
M
P
R
330
337
P
R
Values outside this standard range may be available on request.
AVX reserves the right to supply capacitors to a higher voltage rating, in the same case size, than that ordered.
MARKING
Polarity, capacitance, rated DC voltage, and an "A" (AVX
logo) are laser marked on the capacitor body which is made
of flame retardant gold epoxy resin with a limiting oxygen
index in excess of 30 (ASTM-D-2863).
• Polarity
• Capacitance
• Voltage
• AVX logo
• Tolerance code:
±20% = Standard (no marking)
±10% = “K” on reverse side of unit
±5%
= “J” on reverse side of unit
16
10
μ
A
+
Dipped Radial Capacitors
TAP Series
TECHNICAL SPECIFICATIONS
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)


Similar Part No. - TAP104035

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAP104035 AVX-TAP104035 Datasheet
118Kb / 3P
   Dipped Radial Capacitors TAP Series
TAP104035 AVX-TAP104035 Datasheet
390Kb / 16P
   Sectiom 3: Introduction Foreword
TAP104035 AVX-TAP104035 Datasheet
390Kb / 16P
   Section 3: Introduction Foreword
More results

Similar Description - TAP104035

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAP685K016SCS AVX-TAP685K016SCS Datasheet
112Kb / 3P
   Dipped Radial Capacitors
TAP476K035CRW AVX-TAP476K035CRW Datasheet
332Kb / 16P
   Dipped Radial Capacitors
TAP106K025CRW AVX-TAP106K025CRW Datasheet
110Kb / 3P
   Dipped Radial Capacitors
TAP475M035SCS AVX-TAP475M035SCS Datasheet
118Kb / 3P
   Dipped Radial Capacitors
TAP224K035SCS AVX-TAP224K035SCS Datasheet
110Kb / 3P
   Dipped Radial Capacitors
logo
HolyStone International
RDH HOLYSTONECAPS-RDH Datasheet
556Kb / 4P
   Radial Dipped Ceramic Capacitors
logo
Cornell Dubilier Electr...
CM05ED430JO3 CDE-CM05ED430JO3 Datasheet
209Kb / 1P
   Radial-Leaded Dipped Mica Capacitors
logo
AVX Corporation
TAP106M025CRW AVX-TAP106M025CRW Datasheet
118Kb / 3P
   Dipped Radial Capacitors TAP Series
logo
Vishay Siliconix
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
logo
AVX Corporation
TAP476K025HSB AVX-TAP476K025HSB Datasheet
110Kb / 3P
   Dipped Radial Capacitors TAP Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com