Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73118DBVTG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73118DBVTG4
Description  Low Dropout Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73118DBVTG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS73118DBVTG4 Datasheet HTML 1Page - Texas Instruments TPS73118DBVTG4 Datasheet HTML 2Page - Texas Instruments TPS73118DBVTG4 Datasheet HTML 3Page - Texas Instruments TPS73118DBVTG4 Datasheet HTML 4Page - Texas Instruments TPS73118DBVTG4 Datasheet HTML 5Page - Texas Instruments TPS73118DBVTG4 Datasheet HTML 6Page - Texas Instruments TPS73118DBVTG4 Datasheet HTML 7Page - Texas Instruments TPS73118DBVTG4 Datasheet HTML 8Page - Texas Instruments TPS73118DBVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
TPS731
SBVS034N – SEPTEMBER 2003 – REVISED DECEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN
–0.3
6
VEN
–0.3
6
Voltage
V
VOUT
–0.3
5.5
VNR, VFB
–0.3
6
Peak output current
IOUT
Internally limited
Output short-circuit duration
Indefinite
Continuous total power
PDISS
See Power Dissipation
dissipation
Junction, TJ
–55
150
Temperature
°C
Storage, Tstg
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
±2000
pins(1)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-
±500
C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input supply voltage range
1.7
5.5
V
IOUT
Output current
0
150
mA
TJ
Operating junction temperature
–40
125
°C
6.4 Thermal Information
TPS731xx
THERMAL METRIC(1)
DBV (SOT-23)
UNIT
5 PINS
RθJA
Junction-to-ambient thermal resistance
207.2
RθJC(top)
Junction-to-case (top) thermal resistance
124.2
RθJB
Junction-to-board thermal resistance
35
°C/W
ψJT
Junction-to-top characterization parameter
13.5
ψJB
Junction-to-board characterization parameter
34.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: TPS731


Similar Part No. - TPS73118DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73118DBVTG4 TI-TPS73118DBVTG4 Datasheet
300Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73118DBVTG4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com