Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3823-33QDBVRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3823-33QDBVRQ1
Description  Voltage Monitor With Watchdog Timer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3823-33QDBVRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS3823-33QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS3823-33QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS3823-33QDBVRQ1 Datasheet HTML 9Page - Texas Instruments TPS3823-33QDBVRQ1 Datasheet HTML 10Page - Texas Instruments TPS3823-33QDBVRQ1 Datasheet HTML 11Page - Texas Instruments TPS3823-33QDBVRQ1 Datasheet HTML 12Page - Texas Instruments TPS3823-33QDBVRQ1 Datasheet HTML 13Page - Texas Instruments TPS3823-33QDBVRQ1 Datasheet HTML 14Page - Texas Instruments TPS3823-33QDBVRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
3.3 V
V
DD
100 nF
V
DD
RESET
RESET
TPS3823-33-Q1
MSP430C325
MR
WDI
I/O
GND
GND
TPS3820-33-Q1, TPS3820-50-Q1, TPS3823-25-Q1
TPS3823-30-Q1, TPS3823-33-Q1, TPS3823-50-Q1, TPS3824-30-Q1, TPS3824-33-Q1
TPS3824-50-Q1, TPS3825-33-Q1, TPS3825-50-Q1, TPS3828-33-Q1, TPS3828-50-Q1
www.ti.com
SGLS143C – DECEMBER 2002 – REVISED DECEMBER 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TPS382x-xx-Q1 family of devices are very small supervisory circuits that monitor fixed supply voltages of
2.5 V, 3 V, 3.3 V, and 5 V. The TPS382x-xx-Q1 family operates from 1.1 V to 5.5 V. Orderable options include
versions with either push-pull or open-drain outputs, versions that use active-high or active-low logic for output
signals, versions with a manual reset pin, and versions with a watchdog timer. See the Device Comparison Table
for an overview of device options.
9.2 Typical Applications
9.2.1 Supply Rail Monitoring with Watchdog Time-out and 200-ms Delay
The TPS3823-xx-Q1 can be used to monitor the supply rail for devices such as microcontrollers. The
downstream device is enabled by the TPS3823-xx-Q1 once the voltage on the supply pin (VDD) is above the
internal threshold voltage (VIT– + VHYS). The downstream device is disabled by the TPS3823-xx-Q1 when VDD
falls below the threshold voltage minus the hysteresis voltage (VIT–). The TPS3823-xx-Q1 also issues a reset
signal if the WDI input is not periodically triggered by a positive or negative transition at WDI. When the
supervising system fails to retrigger the watchdog circuit within the time-out interval, ttout, RESET becomes active
for the time period td.
Some applications require a shorter reset signal than the 200 ms that most of the TPS382x-xx-Q1 family provide.
In these cases, the TPS3820-xx-Q1is a good choice because it has a delay time of only 25 ms. If an open-drain
output is needed, replace the TPS3823-xx-Q1 with the TPS3828-xx-Q1 (if the WDI input must be active while
RESET is low, see Decoupling WDI During Reset Event). Figure 9 shows the TPS3823-33-Q1 in a typical
application.
Figure 9. Supply Rail Monitoring With Watchdog Time-out
9.2.1.1 Design Requirements
The TPS3823-33-Q1 must drive the enable pin of a MSP430C325 using a logic-high signal to signify that the
supply voltage is above the minimum operating voltage of the device and monitor the I/O pin to determine if the
microcontroller is operating correctly.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS3820-33-Q1 TPS3820-50-Q1 TPS3823-25-Q1 TPS3823-30-Q1 TPS3823-33-Q1 TPS3823-
50-Q1 TPS3824-30-Q1 TPS3824-33-Q1 TPS3824-50-Q1 TPS3825-33-Q1 TPS3825-50-Q1 TPS3828-33-Q1
TPS3828-50-Q1


Similar Part No. - TPS3823-33QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3823-33QDBVRQ1 TI-TPS3823-33QDBVRQ1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3823-33QDBVRQ1 TI1-TPS3823-33QDBVRQ1 Datasheet
236Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
JUNE 2008
TPS3823-33QDBVRQ1 TI1-TPS3823-33QDBVRQ1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3823-33QDBVRQ1 TI1-TPS3823-33QDBVRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
More results

Similar Description - TPS3823-33QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820 TI1-TPS3820_16 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820 TI1-TPS3820 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_18 Datasheet
1Mb / 27P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
logo
Integrated Device Techn...
ICS9WDV3501B IDT-ICS9WDV3501B Datasheet
106Kb / 9P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com