Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2-STW9C2SB Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # S2-STW9C2SB
Description  Achieving the best system cost in Mid/High Power
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

S2-STW9C2SB Datasheet(HTML) 5 Page - Seoul Semiconductor

  S2-STW9C2SB Datasheet HTML 1Page - Seoul Semiconductor S2-STW9C2SB Datasheet HTML 2Page - Seoul Semiconductor S2-STW9C2SB Datasheet HTML 3Page - Seoul Semiconductor S2-STW9C2SB Datasheet HTML 4Page - Seoul Semiconductor S2-STW9C2SB Datasheet HTML 5Page - Seoul Semiconductor S2-STW9C2SB Datasheet HTML 6Page - Seoul Semiconductor S2-STW9C2SB Datasheet HTML 7Page - Seoul Semiconductor S2-STW9C2SB Datasheet HTML 8Page - Seoul Semiconductor S2-STW9C2SB Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.seoulsemicon.com
Product Data Sheet
S2-STW9C2SB
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
5
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.0, Mar 22, 2016
Characteristics Graph
 차트 사각형에 차트의 X축/ Y축을 맞춘다.
Fig 1. Color Spectrum, T
j = 25ºC, IF=100mA
Fig 2. Radiant Pattern, T
j = 25ºC, IF=100mA
-100
-75
-50
-25
0
25
50
75
100
0
20
40
60
80
100
Angle [Degree]
300
400
500
600
700
800
0.0
0.5
1.0
Wavelength [nm]


Similar Part No. - S2-STW9C2SB

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
S2-STW8C2SB SEOUL-S2-STW8C2SB Datasheet
1Mb / 30P
   Achieving the best system cost in Mid/High Power
More results

Similar Description - S2-STW9C2SB

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STW9B12B-NZ SEOUL-STW9B12B-NZ Datasheet
947Kb / 23P
   Achieving the best system cost in Mid Power
STW9C12B SEOUL-STW9C12B Datasheet
1Mb / 26P
   Achieving the best system cost in Mid/High Power
STW7C2SB SEOUL-STW7C2SB Datasheet
1Mb / 31P
   Achieving the best system cost in Mid/High Power
STW8C2PB SEOUL-STW8C2PB Datasheet
1Mb / 30P
   Achieving the best system cost in Mid/High Power
STW8C12B SEOUL-STW8C12B Datasheet
1Mb / 31P
   Achieving the best system cost in Mid-High Power
STW7C12C-E0 SEOUL-STW7C12C-E0 Datasheet
1Mb / 32P
   Achieving the best system cost in Mid/High Power
S2-STW8C2SB SEOUL-S2-STW8C2SB Datasheet
1Mb / 30P
   Achieving the best system cost in Mid/High Power
STW8C12C-S1 SEOUL-STW8C12C-S1 Datasheet
1Mb / 26P
   Achieving the best system cost in Mid/High Power
STW8C12C-E0 SEOUL-STW8C12C-E0 Datasheet
1Mb / 30P
   Achieving the best system cost in Mid/High Power
STB0C2PB SEOUL-STB0C2PB Datasheet
1Mb / 18P
   Achieving the best system for Horticulture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com