Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M21245-15 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # M21245-15
Description  3G/HD/SD-SDI Multi-rate Reclocker
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21245-15 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  M21245-15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M21245-15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M21245-15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M21245-15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M21245-15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M21245-15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M21245-15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21245-15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21245-15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M21245-15
4
3G/HD/SD-SDI Multi-rate Reclocker
Rev V6
1.0 Electrical Characteristics
Unless noted otherwise, specifications apply for typical recommended operating conditions shown in Table 1-2,
with DVDDO = 1.2 V, AVDDCORE = 1.2 V, DVDDCORE = 1.2 V, AVDDI = 1.2 V, CML inputs/outputs at 800 mV
differential (RLOAD = 50 , and PRBS 210 – 1 test pattern at 2.97 Gbps.
Table 1-1.
Absolute Maximum Ratings
Symbol
Parameter
Note
Minimum
Maximum
Unit
AVDDI
Analog supply for input circuitry
1, 3
-0.5
3.6
V
AVDDO
Analog supply for output circuitry
1, 3
-0.5
3.6
V
DVDDIO
Digital supply for input/output circuitry
1, 3
-0.5
3.6
V
DVDDCORE
Digital core positive supply
1, 3
-0.5
1.5
V
AVDDCORE
Analog core positive supply
1, 3
-0.5
1.5
V
TSTORE
Storage temperature
1, 3
-65
150
°C
VIN, CMOS
DC input voltage (CMOS)
1, 3
-0.5
DVDDIO+0.5
V
VIN
DC input voltage (PCML)
1, 3
-0.5
AVDDI+0.5
V
VESD, HBM
Human Body Model (HBM)
1, 2, 3
-2
2
kV
VESD, CDM
Charge Device Model (CDM)
1, 2, 3
-500
500
V
LU
Latch up @ 85 °C
1, 3
-150
150
mA
IIN, PCML
Maximum high-speed input current
1, 3
-100
100
mA
NOTES:
1.
Exposure of the device beyond the minimum/maximum limits may cause permanent damage. Limits listed in the above table are stress limits only, and do not
imply functional operation within these limits.
2.
HBM and CDM per JEDEC class 2 (JESD22-A114-B).
3.
Limits listed in the above table are stress limits only and do not imply functional operation within these limits.


Similar Part No. - M21245-15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245G-15 MA-COM-M21245G-15 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
More results

Similar Description - M21245-15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21350-15 MA-COM-M21350-15 Datasheet
1Mb / 62P
   3G/HD/SD-SDI Multi-rate Video Quad Reclocker
M08035 MA-COM-M08035 Datasheet
1Mb / 49P
   SD, HD, 3G Multi-rate Reclocker
M21518-13 MA-COM-M21518-13 Datasheet
931Kb / 24P
   3G/HD/SD-SDI Multi-rate Video Cable Driver
logo
Semtech Corporation
GS1675 SEMTECH-GS1675 Datasheet
1Mb / 37P
   SD/HD SDI Reclocker
logo
M/A-COM Technology Solu...
M21528-13 MA-COM-M21528-13 Datasheet
760Kb / 22P
   Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
M21350 MA-COM-M21350 Datasheet
233Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
M21355 MA-COM-M21355 Datasheet
228Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
M21315 MA-COM-M21315 Datasheet
163Kb / 2P
   HD/SD Auto-Rate Reclocker
logo
Semtech Corporation
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com