Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMJD-2C16W4PD Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # SMJD-2C16W4PD
Description  Integrated AC LED Solution
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJD-2C16W4PD Datasheet(HTML) 1 Page - Seoul Semiconductor

  SMJD-2C16W4PD Datasheet HTML 1Page - Seoul Semiconductor SMJD-2C16W4PD Datasheet HTML 2Page - Seoul Semiconductor SMJD-2C16W4PD Datasheet HTML 3Page - Seoul Semiconductor SMJD-2C16W4PD Datasheet HTML 4Page - Seoul Semiconductor SMJD-2C16W4PD Datasheet HTML 5Page - Seoul Semiconductor SMJD-2C16W4PD Datasheet HTML 6Page - Seoul Semiconductor SMJD-2C16W4PD Datasheet HTML 7Page - Seoul Semiconductor SMJD-2C16W4PD Datasheet HTML 8Page - Seoul Semiconductor SMJD-2C16W4PD Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Product Data Sheet
Product Brief
Description
Key Applications
Features and Benefits
www.seoulsemicon.com
1
제품사진
•아래규격에 부합하는 이미지만 가능: 없을 경우 마케팅
팀에 의뢰
•고해상도
•흰 배경
•표준크기: 제품이 가득 차게 가로 5cm 규격 으로
사각 위치에 맞게 (가로세로 비율 고정)
Key Message:
- ex) Enabling high flux systems while reduces LED count
- ex) Enabling compact systems with high reliability
- ex) High reliability and High quality of light
- ex) Flicker-free AC/DC LED Solution
- ex) High-efficient Dimming Solution
Product Family:
- ex) Mid-Power LED
- ex) High-Power LED for Automotive
- ex) Chip on Board
Product ID (part number):
- ex) STW8C2SA
- ex) SZ5-M0-WN-C8
Description
Features and Benefits
Key Applications
•표는 반드시
“Table 번호#. 표 설명” 을 제목으로 한다.
Certificate 아이콘 삽입
(해당되는 아이콘 오른쪽 에서 왼쪽방향으로 순차 삽입)
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
SMJD-XC16W4PX - Acrich3 8W
Rev1.3, Apr 1, 2016
Integrated AC LED Solution
SMJD-XC16W4PX
Acrich3
– 16W
The Acrich3 series of products are
designed to be driven directly off of AC
line voltage, therefore they do not need
the standard converter essential for
conventional general lighting products.
The converter or driver found in most
general lighting products can limit the
overall life of the product, but with the
Acrich3 series of products the life of the
product can more closely be estimated
from the LED itself. This will also allow
for a much smaller form factor from an
overall fixture design allowing for higher
creativity in the fixture.
The modules have a high power factor
which can contribute to a higher energy
savings in the end application.
RoHS
TV, PC, NB,
MNT, Mobile
Automotive
Lighting, MR16, PAR,
down light
Bulb, LFT
Outdoor, streetlight,
tunnel, parking
Home appliance
Architectural,
Entertainment
Sign, Channel
Sensor, Torch
Application 응용제품 아이콘 삽입
(왼쪽 하단부터 오른쪽방향 순차 삽입)
Troffer, Highbay
RoHS
LM-80
MacAdam
3-Step
Bulb Llight
Down Light
Connects directly to AC line voltage
High Power Efficiency & Factor
Low THD
Long Life Time
Simple BOM
Miniaturization
Lead Free Product
RoHS Compliant
Line Voltage Regulation
Table 1. Product Selection (CCT)
Table 2. Product Selection (Flux)
Part No.
Vin [Vac]
P [W]
Color
CCT [K]
CRI
Min.
SMJD-2C16W4PD
SMJD-3C16W4PD
120
220
16.6
Cool
4700
– 6000
80
Neutral
3700
– 4200
SMJD-2C16W4PE
SMJD-3C16W4PE
120
220
90
Warm
2600 - 3200
Part No.
Vin [Vac]
P [W]
Flux [lm]
Remark
Min.
Typ.
SMJD-2C16W4PD
SMJD-3C16W4PD
120
220
16.6
1350
1450
16a
1450
1600
16b
1600
1750
16c
SMJD-2C16W4PE
SMJD-3C16W4PE
120
220
16.6
1250
1350
16a


Similar Part No. - SMJD-2C16W4PD

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJD-2C16W4PD SEOUL-SMJD-2C16W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
More results

Similar Description - SMJD-2C16W4PD

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJD-XV16W2P SEOUL-SMJD-XV16W2P Datasheet
1Mb / 27P
   Integrated AC LED Solution
SMJE-XV08W1P SEOUL-SMJE-XV08W1P Datasheet
1Mb / 26P
   Integrated AC LED Solution
SMJD-XH16W4PX SEOUL-SMJD-XH16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJE-XD12W4PX SEOUL-SMJE-XD12W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJE-XV08W2P4 SEOUL-SMJE-XV08W2P4 Datasheet
907Kb / 24P
   Integrated AC LED Solution
SMJD-XD16W4PX SEOUL-SMJD-XD16W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJD-XG16W4PX SEOUL-SMJD-XG16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJE-XD08W4PX SEOUL-SMJE-XD08W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJL-2C24W4P3 SEOUL-SMJL-2C24W4P3 Datasheet
886Kb / 26P
   Integrated AC LED Solution
SMJC-XV08W2P4 SEOUL-SMJC-XV08W2P4 Datasheet
976Kb / 23P
   Integrated AC LED Solution
SMJD-XV12W2P SEOUL-SMJD-XV12W2P Datasheet
1Mb / 26P
   Integrated AC LED Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com