Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMJD-3D16W4PE Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # SMJD-3D16W4PE
Description  Integrated AC LED Solution
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJD-3D16W4PE Datasheet(HTML) 5 Page - Seoul Semiconductor

  SMJD-3D16W4PE Datasheet HTML 1Page - Seoul Semiconductor SMJD-3D16W4PE Datasheet HTML 2Page - Seoul Semiconductor SMJD-3D16W4PE Datasheet HTML 3Page - Seoul Semiconductor SMJD-3D16W4PE Datasheet HTML 4Page - Seoul Semiconductor SMJD-3D16W4PE Datasheet HTML 5Page - Seoul Semiconductor SMJD-3D16W4PE Datasheet HTML 6Page - Seoul Semiconductor SMJD-3D16W4PE Datasheet HTML 7Page - Seoul Semiconductor SMJD-3D16W4PE Datasheet HTML 8Page - Seoul Semiconductor SMJD-3D16W4PE Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.seoulsemicon.com
Product Data Sheet
SMJD-XD16W4PX - Acrich3 16.6W
5
Rev1.2, Apr 1, 2016
Thermal Resistance
The Acrich3 module is recommended to keep the junction temperature under maximum junction
temperature spec. (Table 5)
LED lead temperature and IC top case temperature are measured with thermocupler. (Fig1)
LED & IC juntion temperatures can be calculated using the formulas below.
T
s_max = Tj_max - (Rθj-s * Pd)
< Example >
If LED lead temperature and IC top temerature are 110℃
1) LED juntion temperature
T
J = TS + (Rθj-s * Pd)
= 110℃ + (9 ℃/W * 0.84W) = 117.56 ℃
2)
IC junction temperature
T
J = TS + (Rθj-s * Pd)
(1)
= 110℃ + (11.25 ℃/W * 2.8W) = 141.5℃
* (1) : In the example, P
d value is the power consumption of IC when the rated voltage.
Part
Maximum
Junction Temperature [℃]
R
θ
j-s [℃/W]
Acrich3 LED
125
9
Acrich3 IC
150
11.25
Notes :
Table 5. Thermal information, Ta = 25ºC


Similar Part No. - SMJD-3D16W4PE

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJD-3D16W4PE SEOUL-SMJD-3D16W4PE Datasheet
1Mb / 25P
   Connects directly to AC line voltage
More results

Similar Description - SMJD-3D16W4PE

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJD-XV16W2P SEOUL-SMJD-XV16W2P Datasheet
1Mb / 27P
   Integrated AC LED Solution
SMJE-XV08W1P SEOUL-SMJE-XV08W1P Datasheet
1Mb / 26P
   Integrated AC LED Solution
SMJD-XH16W4PX SEOUL-SMJD-XH16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJE-XD12W4PX SEOUL-SMJE-XD12W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJE-XV08W2P4 SEOUL-SMJE-XV08W2P4 Datasheet
907Kb / 24P
   Integrated AC LED Solution
SMJD-XG16W4PX SEOUL-SMJD-XG16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJE-XD08W4PX SEOUL-SMJE-XD08W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJL-2C24W4P3 SEOUL-SMJL-2C24W4P3 Datasheet
886Kb / 26P
   Integrated AC LED Solution
SMJC-XV08W2P4 SEOUL-SMJC-XV08W2P4 Datasheet
976Kb / 23P
   Integrated AC LED Solution
SMJD-XV12W2P SEOUL-SMJD-XV12W2P Datasheet
1Mb / 26P
   Integrated AC LED Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com