Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMJE-2D08W4PD Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # SMJE-2D08W4PD
Description  Integrated AC LED Solution
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJE-2D08W4PD Datasheet(HTML) 1 Page - Seoul Semiconductor

  SMJE-2D08W4PD Datasheet HTML 1Page - Seoul Semiconductor SMJE-2D08W4PD Datasheet HTML 2Page - Seoul Semiconductor SMJE-2D08W4PD Datasheet HTML 3Page - Seoul Semiconductor SMJE-2D08W4PD Datasheet HTML 4Page - Seoul Semiconductor SMJE-2D08W4PD Datasheet HTML 5Page - Seoul Semiconductor SMJE-2D08W4PD Datasheet HTML 6Page - Seoul Semiconductor SMJE-2D08W4PD Datasheet HTML 7Page - Seoul Semiconductor SMJE-2D08W4PD Datasheet HTML 8Page - Seoul Semiconductor SMJE-2D08W4PD Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
SMJE-XD08W4PX - Acrich3 8W
Product Data Sheet
Product Brief
Description
Key Applications
Features and Benefits
www.seoulsemicon.com
제품사진
•아래규격에 부합하는 이미지만 가능: 없을 경우 마케팅
팀에 의뢰
•고해상도
•흰 배경
•표준크기: 제품이 가득 차게 가로 5cm 규격 으로
사각 위치에 맞게 (가로세로 비율 고정)
Key Message:
- ex) Enabling high flux systems while reduces LED count
- ex) Enabling compact systems with high reliability
- ex) High reliability and High quality of light
- ex) Flicker-free AC/DC LED Solution
- ex) High-efficient Dimming Solution
Product Family:
- ex) Mid-Power LED
- ex) High-Power LED for Automotive
- ex) Chip on Board
Product ID (part number):
- ex) STW8C2SA
- ex) SZ5-M0-WN-C8
Description
Features and Benefits
Key Applications
•표는 반드시
“Table 번호#. 표 설명” 을 제목으로 한다.
Certificate 아이콘 삽입
(해당되는 아이콘 오른쪽 에서 왼쪽방향으로 순차 삽입)
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
Rev1.2, Apr 1, 2015
Integrated AC LED Solution
SMJE-XD08W4PX
Acrich3
– 08W
The Acrich3 series of products are not
need the standard converter essential
for conventional general lighting
products.
The converter or driver found in most
general lighting products can limit the
overall life of the product, but with the
Acrich3 series of products the life of the
product can more closely be estimated
from the LED itself. This will also allow
for a much smaller form factor from an
overall fixture design allowing for higher
creativity in the fixture.
The modules have a high power factor
which can contribute to a higher energy
savings in the end application.
Table 1. Product Selection (CCT)
RoHS
TV, PC, NB,
MNT, Mobile
Automotive
Lighting, MR16, PAR,
down light
Bulb, LFT
Outdoor, streetlight,
tunnel, parking
Home appliance
Architectural,
Entertainment
Sign, Channel
Sensor, Torch
Application 응용제품 아이콘 삽입
(왼쪽 하단부터 오른쪽방향 순차 삽입)
Troffer, Highbay
RoHS
LM-80
MacAdam
3-Step
Bulb Llight
Connects directly to AC line voltage
High Power Efficiency & Factor
Low THD
Long Life Time
Simple BOM
Miniaturization
Lead Free Product
RoHS Compliant
TRIAC Dimming
Table 2. Product Selection (Flux)
Part No.
Vin [Vac]
P [W]
Color
CCT [K]
CRI
Min.
SMJE-2D08W4PD
SMJE-3D08W4PD
120
220
8.5
Cool
4700
– 6000
80
Neutral
3700
– 4200
Warm
2600
– 3200
SMJE-2D08W4PE
SMJE-3D08W4PE
120
220
8.5
Cool
4700
– 6000
90
Neutral
3700
– 4200
Warm
2600
– 3200
Part No.
Vin [Vac]
P [W]
CRI
Flux [lm]
Remark
Min.
Typ.
SMJE-2D08W4PD
SMJE-3D08W4PD
120
220
8.5
80
670
750
08b
750
830
08c
SMJE-2D08W4PE
SMJE-3D08W4PE
120
220
8.5
90
580
670
08a


Similar Part No. - SMJE-2D08W4PD

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJE-2D08W4PD SEOUL-SMJE-2D08W4PD Datasheet
1Mb / 25P
   Lead Free Product
More results

Similar Description - SMJE-2D08W4PD

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJD-XV16W2P SEOUL-SMJD-XV16W2P Datasheet
1Mb / 27P
   Integrated AC LED Solution
SMJE-XV08W1P SEOUL-SMJE-XV08W1P Datasheet
1Mb / 26P
   Integrated AC LED Solution
SMJD-XH16W4PX SEOUL-SMJD-XH16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJE-XD12W4PX SEOUL-SMJE-XD12W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJE-XV08W2P4 SEOUL-SMJE-XV08W2P4 Datasheet
907Kb / 24P
   Integrated AC LED Solution
SMJD-XD16W4PX SEOUL-SMJD-XD16W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJD-XG16W4PX SEOUL-SMJD-XG16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJL-2C24W4P3 SEOUL-SMJL-2C24W4P3 Datasheet
886Kb / 26P
   Integrated AC LED Solution
SMJC-XV08W2P4 SEOUL-SMJC-XV08W2P4 Datasheet
976Kb / 23P
   Integrated AC LED Solution
SMJD-XV12W2P SEOUL-SMJD-XV12W2P Datasheet
1Mb / 26P
   Integrated AC LED Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com