Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMJF-2D16W4P3 Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # SMJF-2D16W4P3
Description  Integrated AC LED Solution
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJF-2D16W4P3 Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button SMJF-2D16W4P3 Datasheet HTML 3Page - Seoul Semiconductor SMJF-2D16W4P3 Datasheet HTML 4Page - Seoul Semiconductor SMJF-2D16W4P3 Datasheet HTML 5Page - Seoul Semiconductor SMJF-2D16W4P3 Datasheet HTML 6Page - Seoul Semiconductor SMJF-2D16W4P3 Datasheet HTML 7Page - Seoul Semiconductor SMJF-2D16W4P3 Datasheet HTML 8Page - Seoul Semiconductor SMJF-2D16W4P3 Datasheet HTML 9Page - Seoul Semiconductor SMJF-2D16W4P3 Datasheet HTML 10Page - Seoul Semiconductor SMJF-2D16W4P3 Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.seoulsemicon.com
Product Data Sheet
7
SMJF-2D16W4PX - Acrich3 16.9W
Rev1.2, Apr 1, 2016
Characteristics Graph
Product Data Sheet
Fig 3. Relative Spectral Distribution vs. Wavelength Characteristic
– B, C
0
0.2
0.4
0.6
0.8
1
1.2
300
400
500
600
700
800
Wavelength[nm]
Relative Spectral Power Distribution at Ta=25oC


Similar Part No. - SMJF-2D16W4P3

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJF-2D16W4PD SEOUL-SMJF-2D16W4PD Datasheet
1,019Kb / 24P
   Connects directly to AC line voltage
SMJF-2D16W4PE SEOUL-SMJF-2D16W4PE Datasheet
1,019Kb / 24P
   Connects directly to AC line voltage
More results

Similar Description - SMJF-2D16W4P3

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJD-XV16W2P SEOUL-SMJD-XV16W2P Datasheet
1Mb / 27P
   Integrated AC LED Solution
SMJE-XV08W1P SEOUL-SMJE-XV08W1P Datasheet
1Mb / 26P
   Integrated AC LED Solution
SMJD-XH16W4PX SEOUL-SMJD-XH16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJE-XD12W4PX SEOUL-SMJE-XD12W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJE-XV08W2P4 SEOUL-SMJE-XV08W2P4 Datasheet
907Kb / 24P
   Integrated AC LED Solution
SMJD-XD16W4PX SEOUL-SMJD-XD16W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJD-XG16W4PX SEOUL-SMJD-XG16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJE-XD08W4PX SEOUL-SMJE-XD08W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJL-2C24W4P3 SEOUL-SMJL-2C24W4P3 Datasheet
886Kb / 26P
   Integrated AC LED Solution
SMJC-XV08W2P4 SEOUL-SMJC-XV08W2P4 Datasheet
976Kb / 23P
   Integrated AC LED Solution
SMJD-XV12W2P SEOUL-SMJD-XV12W2P Datasheet
1Mb / 26P
   Integrated AC LED Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com