Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-007079 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-007079
Description  Contains Internal DC to DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-007079 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAD-007079_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-007079_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-007079_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-007079_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-007079_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-007079_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Digital Attenuator
30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
Rev. V4
MAAD-007079
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, Z0 = 50
Parameter
Frequency
Units
Min
Typ
Max
Test Conditions
Insertion Loss
DC - 2.5 GHz
dB
2.7
3.0
Attenuation Accuracy
DC - 2.5 GHz
dB
±(.3 +5% of atten setting)
Individual Bits or Combination of Bits
VSWR
DC - 2.5 GHz
Ratio
1.5:1
1.8:1
Full Range
Switching Speed
nS
nS
75
20
150
50
50% Cntl to 90%/10% RF
10% to 90% or 90% to 10%
1 dB Compression
50 MHz
0.5 - 2.5 GHz
dBm
dBm
+21
+29
Input IP3
50 MHz
0.5 - 2.5 GHz
dB
dB
+35
+48
Two-tone inputs up to +5 dBm
Vcc
V
4.75
5.0
5.25
VIL
VIH
V
V
0.0
2.0
0.8
5.0
LOW-level input voltage
HIGH-level input voltage
lin (Input Leakage Current)
uA
-1.0
1.0
Vin = VCC or GND
Icc4
Vcc min to max,
Logic “0” or “1”
mA
6
10
Turn-on Current5
For guaranteed start-up
mA
125
ΔIcc
(Additional Supply Current
Per TTL Input Pin)
VCC = Max, Vcntrl = VCC - 2.1 V
mA
1.0
Switching Noise
Generated from
DC-DC Converter with
recommended capacitors
3.5 MHz
dBm
-93
Thermal Resistance θjc
°C/W
15
4. During turn-on, the device requires an initial start up current
(Icc) specified as “Turn-on Current”. Once operational, Icc will
drop to the specified levels.
5. The DC-DC converter is guaranteed to start in 100 µs as long
as the power supplies have the maximum turn-on current
available for start-up.
Absolute Maximum Ratings 6,7
Parameter
Absolute Maximum
Max. Input Power
0.05 GHz
0.5 - 2.5 GHz
+27 dBm
+34 dBm
VCC
-0.5V ≤ VCC ≤ +6.0V
Vin8
-0.5V ≤ Vin ≤ VCC + 0.5V
Operating Temperature
-40ºC to +85ºC
Storage Temperature
-65ºC to +125ºC
6. Exceeding any one or combination of these limits may cause
permanent damage to this device.
7. M/A-COM does not recommend sustained operation near
these survivability limits.
8. Standard CMOS TTL interface, latch-up will occur if logic sig-
nal is applied prior to power supply.
Recommended PCB Configuration9
9. Application Note C2083 is available on line at www.macom.com


Similar Part No. - MAAD-007079_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007079-000100 MACOM-MAAD-007079-000100 Datasheet
256Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
logo
M/A-COM Technology Solu...
MAAD-007079-000100 MA-COM-MAAD-007079-000100 Datasheet
155Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
MAAD-007079-000100 MA-COM-MAAD-007079-000100 Datasheet
155Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
MAAD-007079-000100 MA-COM-MAAD-007079-000100 Datasheet
789Kb / 6P
   Contains Internal DC to DC Converter
logo
Tyco Electronics
MAAD-007079-0001TB MACOM-MAAD-007079-0001TB Datasheet
256Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
More results

Similar Description - MAAD-007079_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-007077 MA-COM-MAAD-007077_15 Datasheet
806Kb / 6P
   Contains Internal DC to DC Converter
MAAD-007077 MA-COM-MAAD-007077 Datasheet
806Kb / 6P
   Contains Internal DC to DC Converter
MAAD-007079 MA-COM-MAAD-007079 Datasheet
789Kb / 6P
   Contains Internal DC to DC Converter
MAAD-007080 MA-COM-MAAD-007080 Datasheet
827Kb / 8P
   Contains Internal DC to DC Converter
logo
MicroPower Direct, LLC
IGD1208W MPD-IGD1208W Datasheet
511Kb / 2P
   Internal DC/DC Converter
logo
Recom International Pow...
R-REF03-CAN1 RECOM-R-REF03-CAN1 Datasheet
1Mb / 6P
   Contains R1SX-3.305/H - 3.3V to 5V 1W DC-DC converter with 3kVDC isolation
logo
Maxim Integrated Produc...
MAX17504 MAXIM-MAX17504 Datasheet
1Mb / 18P
   Step-Down DC-DC Converter with Internal Compensation
Rev 1; 2/14
MAX618 MAXIM-MAX618_V01 Datasheet
1Mb / 15P
   28V Internal Switch, Step-Up DC-DC Converter
2015
logo
Diodes Incorporated
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
logo
TECHNOLOGY ASSISTANCE B...
PHVCD-270-3 TAB-PHVCD-270-3 Datasheet
262Kb / 2P
   DC TO DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com