Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M31544G-13 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # M31544G-13
Description  3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer with Integrated Jitter Cleaner
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M31544G-13 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  M31544G-13 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M31544G-13 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M31544G-13 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M31544G-13 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M31544G-13 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M31544G-13 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M31544G-13 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M31544G-13 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M31544G-13 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Electrical Characteristics
31544-DSH-001-B
Mindspeed Technologies
®
5
Mindspeed Proprietary and Confidential
Jitter Performance, Jitter Cleaner Bypassed
tJIT
Total jitter added at 270 Mbps
0 - 400 m
4, 5,6
300
mUI
Total jitter added at 1.485 Gbps
0 - 200 m
4, 5
200
400
Total jitter added at 2.97 Gbps
0 - 100 m
4, 5
230
100 - 140 m
320
140 - 180 m
450
180 - 200 m
450
Jitter Performance, Jitter Cleaner Enabled
tJIT
Total jitter added at 1.485 Gbps
0 - 200 m
4, 5, 6
50
100
mUI
Total jitter added at 2.97 Gbps
0 - 200 m
4, 5, 6
100
170
NOTES:
1.
Typical values measured on Mindspeed evaluation board MH12-D670. Values depend on layout.
2.
Measured using a clock pattern with 50% duty cycle and consisting of 10 Consecutive Identical Digits (10 CID).
3.
Programmable in 2 dB steps.
4.
Measured according to SMPTE RP184 and SMPTE RP192. Using Belden 1694A cable.
5.
Measured using PRBS10 test pattern with default output swing.
6.
Jitter cleaner can only be used for HD and 3G data rates, it is automatically bypassed and powered down for SD data rates.
Table 1-5.
DC Characteristics for Digital I/O pins
Symbol
Parameter
Reference
Note
Minimum
Typical
Maximum
Unit
VOH
Digital output logic high
MF0, MF1and MF3
1
0.85 x AVDD
AVDD
—V
VOL
Digital output logic low
2
0
0.15 x AVDD
V
VIH
Digital input logic high
MODE_SEL, SDO1_DISABLE, xCS, MF0,
MF1, MF2 and MF3
—0.75 x AVDD
—AVDD
V
VIL
Digital input logic low
0
0.25 x AVDD
V
CIN
Input capacitance
10
pF
VIF
Digital input logic float
MF0
0.35 x AVDD
—0.65 x AVDD
V
NOTES:
1.
IOH = -4 mA.
2.
IOL = 4 mA.
Table 1-4.
PCML Input/Output Electrical Characteristics (2 of 2)
Symbol
Parameter
Note
Minimum
Typical
Maximum
Unit


Similar Part No. - M31544G-13

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M315FAN MTRONPTI-M315FAN Datasheet
303Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL, Surface Mount Oscillator
M315FCN MTRONPTI-M315FCN Datasheet
303Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL, Surface Mount Oscillator
M315TAN MTRONPTI-M315TAN Datasheet
303Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL, Surface Mount Oscillator
M315TCN MTRONPTI-M315TCN Datasheet
303Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL, Surface Mount Oscillator
logo
Advanced Energy Industr...
M315X-HT ADVANCEDENERGY-M315X-HT Datasheet
215Kb / 4P
   MIKRON M315X-HT
More results

Similar Description - M31544G-13

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21544 MA-COM-M21544 Datasheet
771Kb / 32P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer with Integrated Jitter Cleaner
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS3471 SEMTECH-GS3471 Datasheet
5Mb / 179P
   3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
logo
Texas Instruments
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394_15 Datasheet
1Mb / 35P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS3440 SEMTECH-GS3440 Datasheet
1Mb / 23P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
[Old version datasheet]   3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
LMH0395 TI1-LMH0395_15 Datasheet
1Mb / 33P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com