Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-007081 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-007081
Description  Small Footprint, JEDEC Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-007081 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAD-007081 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-007081 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-007081 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-007081 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-007081 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-007081 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-007081 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAD-007081 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Digital Attenuator
15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
Rev. V4
MAAD-007081
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, Z0 = 50
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Insertion Loss
DC - 3.5 GHz
dB
2.8
3.2
Attenuation Accuracy
Individual Bits 0.5-1-4-8 dB
Individual Bit 2 dB
Any Combination of Bits
1 to 15.5 dB
DC - 3.5 GHz
DC - 3.5 GHz
DC - 3.5 GHz
dB
dB
dB
±(.3 +5% of atten setting)
±(.4 +10% of atten setting)
±(.5 +7% of atten setting)
VSWR
Full Range
DC - 3.5 GHz
Ratio
1.6:1
1.8:1
Switching Speed
50% Cntl to 90%/10% RF
10% to 90% or 90% to 10%
ns
ns
75
20
150
50
1 dB Compression
50 MHz
0.5 - 3.5 GHz
dBm
dBm
+21
+29
Input IP3
Two-tone inputs up to +5 dBm
50 MHz
0.5-3.5 GHz
dB
dB
+35
+48
Vcc
Vee
V
V
4.75
-8.0
5.0
-5.0
5.25
-4.75
VIL
VIH
LOW-level input voltage
HIGH-level input voltage
V
V
0.0
2.0
0.8
5.0
lin (Input Leakage Current)
Vin = VCC or GND
uA
-1.0
1.0
Icc
(Quiescent Supply Current)
Vcntrl = VCC or GND
uA
250
400
ΔIcc
(Additional Supply Current
Per TTL Input Pin)
VCC = Max, Vcntrl = VCC - 2.1 V
mA
1.0
IEE
VEE min to max, Vin = VIL or VIH
mA
-1.0
-0.2
Thermal Resistance θjc
°C/W
15


Similar Part No. - MAAD-007081

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007081-000100 MACOM-MAAD-007081-000100 Datasheet
293Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
M/A-COM Technology Solu...
MAAD-007081-000100 MA-COM-MAAD-007081-000100 Datasheet
164Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
MAAD-007081-000100 MA-COM-MAAD-007081-000100 Datasheet
164Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
MAAD-007081-000100 MA-COM-MAAD-007081-000100_15 Datasheet
164Kb / 7P
   Digital Attenuator
logo
Tyco Electronics
MAAD-007081-0001TB MACOM-MAAD-007081-0001TB Datasheet
293Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
More results

Similar Description - MAAD-007081

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
R-2R TTELEC-R-2R Datasheet
456Kb / 2P
   QSOP Package - Small Footprint
logo
KODENSHI_AUK CORP.
KP1504WW0 KODENSHI-KP1504WW0 Datasheet
357Kb / 4P
   Small Footprint Surface Mount Package
KP3528BSKA2I-JX KODENSHI-KP3528BSKA2I-JX Datasheet
297Kb / 6P
   Small Footprint Surface Mount Package
KP3020W KODENSHI-KP3020W Datasheet
483Kb / 4P
   Small Footprint Surface Mount Package
logo
Advanced Power Electron...
AP2606GY-HF A-POWER-AP2606GY-HF_16 Datasheet
99Kb / 5P
   Small Footprint & Low Profile Package
logo
KODENSHI_AUK CORP.
KP5630W5AD29 KODENSHI-KP5630W5AD29 Datasheet
315Kb / 6P
   Small Footprint Surface Mount Package
KP3528W06A2I KODENSHI-KP3528W06A2I Datasheet
269Kb / 6P
   Small Footprint Surface Mount Package
KP3528BSKA2I-VX KODENSHI-KP3528BSKA2I-VX Datasheet
277Kb / 6P
   Small Footprint Surface Mount Package
logo
Advanced Power Electron...
AP2605GY0-HF A-POWER-AP2605GY0-HF_16 Datasheet
67Kb / 5P
   Small Footprint & Low Profile Package
AP2606AGY-HF A-POWER-AP2606AGY-HF_16 Datasheet
99Kb / 5P
   Small Footprint & Low Profile Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com