Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-007081-0001TB Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-007081-0001TB
Description  Small Footprint, JEDEC Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-007081-0001TB Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAD-007081-0001TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-007081-0001TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-007081-0001TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-007081-0001TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-007081-0001TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-007081-0001TB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-007081-0001TB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAD-007081-0001TB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Digital Attenuator
15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
Rev. V4
MAAD-007081
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
VSWR @ Insertion Loss
Attenuation Error, 0.5 dB Bit
Attenuation Error, 1 dB Bit
Typical Performance Curves
Insertion Loss
1.0
1.5
2.0
2.5
3.0
0
500
1000
1500
2000
2500
3000
3500
Frequency (MHz)
1.00
1.25
1.50
1.75
0
500
1000
1500
2000
2500
3000
3500
Frequency (MHz)
Inp ut
Out p ut
-1.0
-0.5
0.0
0.5
1.0
0
500
1000
1500
2000
2500
3000
3500
Frequency (MHz)
-1.0
-0.5
0.0
0.5
1.0
0
500
1000
1500
2000
2500
3000
3500
Frequency (MHz)
Attenuation Error, 4 dB Bit
Attenuation Error, 2 dB Bit
-1.0
-0.5
0.0
0.5
1.0
0
500
1000
1500
2000
2500
3000
3500
Frequency (MHz)
-0.5
0.0
0.5
1.0
0
500
1000
1500
2000
2500
3000
3500
Frequency (MHz)


Similar Part No. - MAAD-007081-0001TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007081-0001TB MACOM-MAAD-007081-0001TB Datasheet
293Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
M/A-COM Technology Solu...
MAAD-007081-0001TB MA-COM-MAAD-007081-0001TB Datasheet
164Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
More results

Similar Description - MAAD-007081-0001TB

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
R-2R TTELEC-R-2R Datasheet
456Kb / 2P
   QSOP Package - Small Footprint
logo
KODENSHI_AUK CORP.
KP1504WW0 KODENSHI-KP1504WW0 Datasheet
357Kb / 4P
   Small Footprint Surface Mount Package
KP3528BSKA2I-JX KODENSHI-KP3528BSKA2I-JX Datasheet
297Kb / 6P
   Small Footprint Surface Mount Package
KP3020W KODENSHI-KP3020W Datasheet
483Kb / 4P
   Small Footprint Surface Mount Package
logo
Advanced Power Electron...
AP2606GY-HF A-POWER-AP2606GY-HF_16 Datasheet
99Kb / 5P
   Small Footprint & Low Profile Package
logo
KODENSHI_AUK CORP.
KP5630W5AD29 KODENSHI-KP5630W5AD29 Datasheet
315Kb / 6P
   Small Footprint Surface Mount Package
KP3528W06A2I KODENSHI-KP3528W06A2I Datasheet
269Kb / 6P
   Small Footprint Surface Mount Package
KP3528BSKA2I-VX KODENSHI-KP3528BSKA2I-VX Datasheet
277Kb / 6P
   Small Footprint Surface Mount Package
logo
Advanced Power Electron...
AP2605GY0-HF A-POWER-AP2605GY0-HF_16 Datasheet
67Kb / 5P
   Small Footprint & Low Profile Package
AP2606AGY-HF A-POWER-AP2606AGY-HF_16 Datasheet
99Kb / 5P
   Small Footprint & Low Profile Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com