Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-007082-0001TR Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-007082-0001TR
Description  Tape and Reel Packaging Available
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-007082-0001TR Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MAAD-007082-0001TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-007082-0001TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-007082-0001TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-007082-0001TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-007082-0001TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-007082-0001TR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-007082-0001TR Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAD-007082-0001TR Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Digital Attenuator
50 dB, 6-Bit, TTL Driver, DC - 2.4 GHz
Rev. V5
MAAD-007082
6
6
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
6
VSWR, Maximum Attenuation
Maximum IP3 over Temperature Range and
Attenuation @ 50 MHz
Maximum IP3 over Temperature Range and
Attenuation @ 950 MHz
Typical Performance Curves
Maximum IP3 over Temperature Range and
Attenuation @ 1900 MHz
VSWR, 32 dB Bit
1.00
1.20
1.40
1.60
0
400
800
1200
1600
2000
2400
Frequency (MHz)
Inp ut
Out p ut
1.0
1.2
1.4
1.6
0
400
800
1200
1600
2000
2400
Frequency (MHz)
Inp ut
Out p ut
20
30
40
50
Loss
1
2
4
8
16
32
50
Attenuation (dB)
20
30
40
50
Loss
1
2
4
8
16
32
50
Attenuation (dB)
20
30
40
50
Loss
1
2
4
8
16
32
50
Attenuation (dB)


Similar Part No. - MAAD-007082-0001TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007082-0001TR MACOM-MAAD-007082-0001TR Datasheet
302Kb / 7P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.4 GHz
logo
M/A-COM Technology Solu...
MAAD-007082-0001TR MA-COM-MAAD-007082-0001TR Datasheet
170Kb / 7P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC - 2.4 GHz
More results

Similar Description - MAAD-007082-0001TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-007083 MA-COM-MAAD-007083 Datasheet
787Kb / 5P
   Tape and Reel Packaging Available
MAADCC0006 MA-COM-MAADCC0006_15 Datasheet
799Kb / 6P
   Tape and Reel Packaging Available
MABA-011037 MA-COM-MABA-011037 Datasheet
554Kb / 4P
   Tape and reel packaging available
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0686 AVAGO-MSA-0686 Datasheet
68Kb / 4P
   Tape-and-Reel Packaging Available
logo
Analog Devices
ADR3430ARJZ AD-ADR3430ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADR3450ARJZ AD-ADR3450ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
logo
Connor-Winfield Corpora...
DV75D CONNOR-WINFIELD-DV75D Datasheet
426Kb / 2P
   Tape and Reel Packaging
logo
STMicroelectronics
STR2550 STMICROELECTRONICS-STR2550 Datasheet
535Kb / 10P
   Tape and reel packaging
May 2014 Rev 5
logo
Coto Technology
CT10-1532-G2 COTO-CT10-1532-G2 Datasheet
1Mb / 2P
   Tape and reel packaging
logo
Connor-Winfield Corpora...
EC277 CONNOR-WINFIELD-EC277 Datasheet
462Kb / 2P
   Tape and Reel Packaging
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com