Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-007083-000100 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-007083-000100
Description  Tape and Reel Packaging Available
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-007083-000100 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAD-007083-000100 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-007083-000100 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-007083-000100 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-007083-000100 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-007083-000100 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Digital Attenuator,
31.0 dB, 5-Bit, TTL Driver, DC - 6.0 GHz
Rev. V5
MAAD-007083
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, Z0 = 50 Vcc = 5.0V, Vee = -5.0V
Parameter
Frequency
Units
Min
Typ
Max
Test Conditions
Insertion Loss
DC - 2.0 GHz
DC - 4.0 GHz
DC - 6.0 GHz
dB
dB
dB
2.5
3.3
5.0
3.1
3.8
5.8
Attenuation Accuracy
DC - 6.0 GHz
DC - 6.0 GHz
dB
dB
±(0.3 +4% of atten.)
±(0.3 +5% of atten.)
1 to 24 dB Bits
25 to 31 dB Bits
VSWR
DC - 2.0 GHz
DC - 6.0 GHz
Ratio
Ratio
1.4:1
1.7:1
1.7:1
2.4:1
Full Range
1 dB Compression
50 MHz
0.5 - 6.0 GHz
dBm
dBm
+22
+24
Input IP2
50 MHz
0.5 - 6.0 GHz
dBm
dBm
+43
+60
Two tone inputs to +5 dBm
Input IP3
50 MHz
0.5-6.0 GHz
dB
dB
+37
+48
Two-tone inputs up to +5 dBm
Vcc
Vee
V
V
4.75
-8.0
5.0
-5.0
5.25
-4.75
Switching Speed
ns
ns
25
15
50% Cntl to 90%/10% RF
10% to 90% or 90% to 10%
VIL
VIH
V
V
0.0
2.0
-
-
0.8
5.0
LOW-level input voltage
HIGH-level input voltage
Iin (Input Leakage Current)
Vin = Vcc or GND
uA
-1.0
-
1.0
Icc
(Quiescent Supply Current)
Vcntrl = Vcc or GND
uA
250
400
Icc3
(Additional Supply Current
Per TTL Input Pin)
Vcc = Max, Vcntrl = Vcc - 2.1V
mA
1.0
Iee
Vee min to max, Vin = VIL or VIH
mA
-1.0
-0.2
-
Thermal Resistance θjc
°C/W
15
Absolute Maximum Ratings4,5
Parameter
Absolute Maximum
Input Power
0.05 GHz
0.5 - 6.0 GHz
+27 dBm
+34 dBm
Vcc
-0.5V ≤ Vcc ≤ +7.0V
Vee
-8.5V ≤ Vee ≤ +0.5V
Vcc - Vee
-0.5V ≤ Vcc - Vee ≤ 14.5V
Vin6
-0.5V ≤ Vin ≤ Vcc + 0.5V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +125°C
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. MACOM does not recommend sustained operation near these
survivability limits.
6. Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
Truth Table (Digital Attenuator)
C16
C8
C4
C2
C1
Attenuation
0
0
0
0
0
Loss, Reference
0
0
0
0
1
1 dB
0
0
0
1
0
2 dB
0
0
1
0
0
4 dB
0
1
0
0
0
8 dB
1
0
0
0
0
16 dB
1
1
1
1
1
31 dB
0 = TTL Low; 1 = TTL High
3.
The 16 dB bit is connected to two driver input pins, so
Icc
needs to be calculated based on 6 TTL inputs.


Similar Part No. - MAAD-007083-000100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007083-000100 MACOM-MAAD-007083-000100 Datasheet
241Kb / 4P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
logo
M/A-COM Technology Solu...
MAAD-007083-000100 MA-COM-MAAD-007083-000100 Datasheet
147Kb / 4P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
MAAD-007083-000100 MA-COM-MAAD-007083-000100 Datasheet
147Kb / 4P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
MAAD-007083-000100 MA-COM-MAAD-007083-000100_15 Datasheet
147Kb / 4P
   Digital Attenuator
More results

Similar Description - MAAD-007083-000100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-007082 MA-COM-MAAD-007082 Datasheet
825Kb / 8P
   Tape and Reel Packaging Available
MAADCC0006 MA-COM-MAADCC0006_15 Datasheet
799Kb / 6P
   Tape and Reel Packaging Available
MABA-011037 MA-COM-MABA-011037 Datasheet
554Kb / 4P
   Tape and reel packaging available
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0686 AVAGO-MSA-0686 Datasheet
68Kb / 4P
   Tape-and-Reel Packaging Available
logo
Analog Devices
ADR3430ARJZ AD-ADR3430ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADR3450ARJZ AD-ADR3450ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
logo
Connor-Winfield Corpora...
DV75D CONNOR-WINFIELD-DV75D Datasheet
426Kb / 2P
   Tape and Reel Packaging
logo
STMicroelectronics
STR2550 STMICROELECTRONICS-STR2550 Datasheet
535Kb / 10P
   Tape and reel packaging
May 2014 Rev 5
logo
Coto Technology
CT10-1532-G2 COTO-CT10-1532-G2 Datasheet
1Mb / 2P
   Tape and reel packaging
logo
Connor-Winfield Corpora...
EC277 CONNOR-WINFIELD-EC277 Datasheet
462Kb / 2P
   Tape and Reel Packaging
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com