Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-009170-000100 Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-009170-000100
Description  Minimal Phase Variation over Attenuation Range
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-009170-000100 Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  MAAD-009170-000100 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-009170-000100 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-009170-000100 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-009170-000100 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-009170-000100 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-009170-000100 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-009170-000100 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAD-009170-000100 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAD-009170-000100 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Digital Attenuator, Constant Phase
15.5 dB, 5-Bit, TTL Driver, DC - 4.0 GHz
Rev. V2
MAAD-009170
7
7
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
7
VSWR - 15.5 dB Attenuation vs. Frequency
Typical Input IP2 and IP3 at Room Temperature11
Typical Performance Curves
VSWR - 8 dB Bit vs. Frequency
Attenuation
IP2
IP3
Units
50 MHz
500 MHz
2 GHz
50 MHz 500 MHz
2 GHz
Reference State
50
72
73
43
40
44
dBm
0.5 dB
51
73
74
43
41
44
dBm
1 dB
51
73
75
43
41
44
dBm
2 dB
51
73
74
43
41
45
dBm
4 dB
51
73
74
43
41
45
dBm
8 dB
50
71
75
41
43
41
dBm
15.5 dB
53
74
79
43
42
44
dBm
11. IP2 and IP3 are measured with two-tone inputs F1 and F2 up to +5 dBm with 1 MHz spacing.
1.0
1.2
1.4
1.6
1.8
2.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency (GHz)
1.0
1.2
1.4
1.6
1.8
2.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency (GHz)
RF2
RF1
RF2
RF1


Similar Part No. - MAAD-009170-000100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-009170-000100 MA-COM-MAAD-009170-000100 Datasheet
234Kb / 8P
   Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
MAAD-009170-000100 MA-COM-MAAD-009170-000100 Datasheet
234Kb / 8P
   Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
MAAD-009170-000100 MA-COM-MAAD-009170-000100_15 Datasheet
234Kb / 8P
   Digital Attenuator
More results

Similar Description - MAAD-009170-000100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-009195 MA-COM-MAAD-009195 Datasheet
828Kb / 9P
   Minimal Phase Variation over Attenuation Range
MAAD-009260 MA-COM-MAAD-009260 Datasheet
744Kb / 7P
   Minimal Phase Variation over Attenuation Range
MAAD-009194 MA-COM-MAAD-009194 Datasheet
768Kb / 9P
   Minimal Phase Variation over Attenuation Range
MAPS-010143 MA-COM-MAPS-010143_16 Datasheet
1Mb / 7P
   Minimal Attenuation Variation over Phase Shift Range
logo
Micross Components
HMC346 MICROSS-HMC346 Datasheet
927Kb / 9P
   32 dB Attenuation Range
logo
Soshin electric Co., Lt...
SF3000C-JQ SOSHIN-SF3000C-JQ Datasheet
221Kb / 3P
   3-phase 3-line 500VAC Wide range high attenuation Type
SF2000C-JQ SOSHIN-SF2000C-JQ Datasheet
161Kb / 3P
   Single-phase 2-line 500VAC Wide range high attenuation Type
logo
TDK Electronics
RTHC-5006 TDK-RTHC-5006 Datasheet
1Mb / 5P
   High Attenuation Three-Phase Filter
RTHB-5006 TDK-RTHB-5006 Datasheet
1Mb / 4P
   High Attenuation Three-Phase Filter
logo
API Technologies Corp
TAD2104 APITECH-TAD2104 Datasheet
563Kb / 1P
   5 Bit Digital Attenuator Attenuation Range: 62 dB
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com