Electronic Components Datasheet Search |
|
MAAD-009194 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc. |
|
MAAD-009194 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc. |
2 / 9 page Constant Phase Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz Rev. V2 MAAD-009194 2 2 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 2 Electrical Specifications: TA = 25°C, Z0 = 50 Ω , VCC = +5.0V, VEE = -5.0V Parameter Test Conditions Units Min. Typ. Max. Operating Power — dBm — — +20 Reference Insertion Loss DC - 1.0 GHz DC - 2.0 GHz DC - 3.0 GHz dB — — 4.5 5.0 5.3 Attenuation Accuracy3 Any Single Bit, DC - 3.0 GHz Any Combination of Bits, DC - 3.0 GHz ± (0.3 +3% of attenuation setting in dB) dB ± (0.3 +4% of attenuation setting in dB) dB Phase Accuracy Relative to Reference Loss State Any Single Bit, DC - 2.0 GHz Any Single Bit, 2.0 - 3.0 GHz Any Combination of Bits, DC - 1.0 GHz Any Combination of Bits, 1.0 - 2.0 GHz Any Combination of Bits, 2.0 - 3.0 GHz deg ± 3 ± 5 ± 4 ± 11 ± 18 VSWR DC - 3.0 GHz Ratio — — 1.8:1 Trise, Tfall 10% to 90% RF, 90% to 10% RF ns See Table 1 Ton, Toff 1.3 V Control to 90% RF, 1.3 V Control to 10% RF ns See Table 1 1 dB Compression4 Reference State 0.05 GHz 0.5 - 3.0 GHz dBm — >+26 >+26 — Input IP3 For two-tone Input Power up to +5 dBm 0.05 GHz 0.5 - 3.0 GHz dBm — +39 +41 — Input IP2 For two-tone Input Power up to +5 dBm 0.05 GHz 0.5 - 3.0 GHz dBm — +45 +68 — VCC VEE — — V 4.5 -8.0 5.0 -5.0 5.5 -4.5 VIL VIH LOW-level input voltage HIGH-level input voltage V 0.0 2.0 0.0 5.0 0.8 5.0 lIN (Input Leakage Current) VIN = VCC or GND µA -1 — 1 Icc (Quiescent Supply Current) VCNTRL = VCC or GND µA — 250 400 ΔIcc (Additional Supply Current Per TTL Input Pin) VCC = Max, VCNTRL = VCC - 2.1 V mA — — 1.5 IEE VEE min to max, VIN = VIL or VIH mA -1.0 -0.2 — Thermal Resistance θjc — °C/W — 50 — 3. This attenuator is guaranteed monotonic. 4. 1 dB Compression was measured up to +26 dBm, which is the absolute maximum rating for this device. |
Similar Part No. - MAAD-009194 |
|
Similar Description - MAAD-009194 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |