Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-007083-0001TB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-007083-0001TB
Description  Tape and Reel Packaging Available
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-007083-0001TB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAD-007083-0001TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-007083-0001TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-007083-0001TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-007083-0001TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-007083-0001TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Digital Attenuator,
31.0 dB, 5-Bit, TTL Driver, DC - 6.0 GHz
Rev. V5
MAAD-007083
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Attenuation: 1.0 dB Steps to 31 dB
 High Accuracy to 6 GHz
 Small Footprint, JEDEC Package
 Integral TTL driver
 50 ohm impedance
 Test boards are available
 Tape and Reel Packaging Available
 Lead-Free CSP-1 Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of AT90-0001
Description
M/A-COM’s MAAD-007083-000100 is a GaAs FET
5-bit digital attenuator with an integral TTL driver.
Step size is 1.0 dB providing 31 dB total attenuation
range. This device is in a 32 lead FQFP-N surface
mount package. Due to superior grounding tech-
niques this digital attenuator offers superior perform-
ance to 6 GHz. The MAAD-007083-000100 is ideally
suited for use where accuracy, fast speed, very low
power consumption and low costs are required.
Ordering Information
Part Number
Package
MAAD-007083-000100
Bulk Packaging
MAAD-007083-0001TR
1000 piece reel
MAAD-007083-0001TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Schematic
Pin Configuration1
Pin No.
Function
Pin No.
Function
1
NC
17
NC
2
C16
18
NC
3
C8
19
NC
4
C4
20
NC
5
C2
21
NC
6
C1
22
NC
7
GND
23
NC
8
NC
24
NC
9
NC
25
NC
10
NC2
26
GND
11
GND
27
RF2
12
RF1
28
GND
13
GND
29
NC2
14
NC
30
-Vee
15
NC
31
NC
16
NC
32
+Vcc
* Restrictions on Hazardous Substances, European Union
Directive 2002/95/EC.
1.
The exposed pad centered on the package bottom must be
connected to RF and DC ground. (For PQFN Packages)
2.
Pins 10 and 29 must be isolated.


Similar Part No. - MAAD-007083-0001TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007083-0001TB MACOM-MAAD-007083-0001TB Datasheet
241Kb / 4P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
logo
M/A-COM Technology Solu...
MAAD-007083-0001TB MA-COM-MAAD-007083-0001TB Datasheet
147Kb / 4P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
More results

Similar Description - MAAD-007083-0001TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-007082 MA-COM-MAAD-007082 Datasheet
825Kb / 8P
   Tape and Reel Packaging Available
MAADCC0006 MA-COM-MAADCC0006_15 Datasheet
799Kb / 6P
   Tape and Reel Packaging Available
MABA-011037 MA-COM-MABA-011037 Datasheet
554Kb / 4P
   Tape and reel packaging available
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0686 AVAGO-MSA-0686 Datasheet
68Kb / 4P
   Tape-and-Reel Packaging Available
logo
Analog Devices
ADR3430ARJZ AD-ADR3430ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADR3450ARJZ AD-ADR3450ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
logo
Connor-Winfield Corpora...
DV75D CONNOR-WINFIELD-DV75D Datasheet
426Kb / 2P
   Tape and Reel Packaging
logo
STMicroelectronics
STR2550 STMICROELECTRONICS-STR2550 Datasheet
535Kb / 10P
   Tape and reel packaging
May 2014 Rev 5
logo
Coto Technology
CT10-1532-G2 COTO-CT10-1532-G2 Datasheet
1Mb / 2P
   Tape and reel packaging
logo
Connor-Winfield Corpora...
EC277 CONNOR-WINFIELD-EC277 Datasheet
462Kb / 2P
   Tape and Reel Packaging
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com