Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-009195 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-009195
Description  Minimal Phase Variation over Attenuation Range
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-009195 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAD-009195 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-009195 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-009195 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-009195 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-009195 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-009195 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-009195 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAD-009195 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAD-009195 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Constant Phase Digital Attenuator
15.5 dB, 5-Bit, TTL Driver, DC - 3.0 GHz
Rev. V2
MAAD-009195
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Recommended PCB Configuration
Absolute Maximum Ratings 5,6
Parameter
Absolute Maximum
Max Input Power 7
DC - 3.0 GHz
+26 dBm
VCC
-0.5V ≤ VCC ≤ +7.0V
VEE
-8.5V ≤ VEE ≤ +0.5V
VCC - VEE
-0.5V ≤ VCC - VEE ≤ 14.5V
Vin 8
-0.5V ≤ Vin ≤ VCC + 0.5V
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
5.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
6.
M/A-COM does not recommend sustained operation near
these survivability limits.
7.
Maximum input power is specified with power applied to
RF1. If power is applied to RF2, then maximum input power
is +22 dBm.
8.
Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table (Digital Attenuator)
Control Inputs
C5
C4
C3
C2
C1
Attenuation
0
0
0
0
0
Reference
0
0
0
0
1
0.5 dB
0
0
0
1
0
1 dB
0
0
1
0
0
2 dB
0
1
0
0
0
4 dB
1
0
0
0
0
8 dB
1
1
1
1
31 dB
1
0 = TTL Low; 1 = TTL High


Similar Part No. - MAAD-009195

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-009195-000100 MA-COM-MAAD-009195-000100 Datasheet
218Kb / 8P
   Constant Phase Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-009195-000100 MA-COM-MAAD-009195-000100 Datasheet
218Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009195-000100 MA-COM-MAAD-009195-000100_15 Datasheet
218Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009195-0001TB MA-COM-MAAD-009195-0001TB Datasheet
218Kb / 8P
   Constant Phase Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.0 GHz
More results

Similar Description - MAAD-009195

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-009170 MA-COM-MAAD-009170 Datasheet
899Kb / 9P
   Minimal Phase Variation over Attenuation Range
MAAD-009260 MA-COM-MAAD-009260 Datasheet
744Kb / 7P
   Minimal Phase Variation over Attenuation Range
MAAD-009194 MA-COM-MAAD-009194 Datasheet
768Kb / 9P
   Minimal Phase Variation over Attenuation Range
MAPS-010143 MA-COM-MAPS-010143_16 Datasheet
1Mb / 7P
   Minimal Attenuation Variation over Phase Shift Range
logo
Micross Components
HMC346 MICROSS-HMC346 Datasheet
927Kb / 9P
   32 dB Attenuation Range
logo
Soshin electric Co., Lt...
SF3000C-JQ SOSHIN-SF3000C-JQ Datasheet
221Kb / 3P
   3-phase 3-line 500VAC Wide range high attenuation Type
SF2000C-JQ SOSHIN-SF2000C-JQ Datasheet
161Kb / 3P
   Single-phase 2-line 500VAC Wide range high attenuation Type
logo
TDK Electronics
RTHC-5006 TDK-RTHC-5006 Datasheet
1Mb / 5P
   High Attenuation Three-Phase Filter
RTHB-5006 TDK-RTHB-5006 Datasheet
1Mb / 4P
   High Attenuation Three-Phase Filter
logo
API Technologies Corp
TAD2104 APITECH-TAD2104 Datasheet
563Kb / 1P
   5 Bit Digital Attenuator Attenuation Range: 62 dB
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com