Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-009170-0001TB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-009170-0001TB
Description  Minimal Phase Variation over Attenuation Range
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-009170-0001TB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAD-009170-0001TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-009170-0001TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-009170-0001TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-009170-0001TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-009170-0001TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-009170-0001TB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-009170-0001TB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAD-009170-0001TB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAD-009170-0001TB Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Digital Attenuator, Constant Phase
15.5 dB, 5-Bit, TTL Driver, DC - 4.0 GHz
Rev. V2
MAAD-009170
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Attenuation: 0.5 dB Steps to 15.5 dB
 Minimal Phase Variation over Attenuation Range
 Low DC Power Consumption
 Small Footprint, PQFN Package
 Integral TTL Driver
 50 ohm Impedance
 Test Boards are Available
 RoHS* Compliant
Description
MACOM's MAAD-009170-000100 is a GaAs pHEMT
5-bit digital attenuator with integral TTL driver in an
PQFN plastic surface mount package. Step size is
0.5 dB providing a 15.5 dB total attenuation range.
This design has been optimized to minimize phase
variation over the attenuation range. MAAD-009170-
000100 is ideally suited for use where accuracy, fast
switching, very low power consumption and low
intermodulation products are required. Typical
applications include dynamic range setting in
precision receiver circuits and other gain/leveling
control circuits.
Ordering Information
Part Number
Package
MAAD-009170-000100
Bulk Packaging
MAAD-009170-0001TR
1000 piece reel
MAAD-009170-0001TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Schematic
Pin Configuration1
Pin No.
Function
Pin No.
Function
1
GND
17
NC
2
C5
18
NC
3
C4
19
NC
4
C3
20
NC
5
C2
21
NC
6
C1
22
NC
7
GND
23
NC
8
NC
24
NC
9
NC
25
NC
10
NC2
26
GND
11
GND
27
RF2
12
RF1
28
GND
13
GND
29
NC2
14
NC
30
Vee
15
NC
31
NC
16
NC
32
+Vcc
1.
The exposed pad centered on the package bottom must be
connected to RF and DC ground. (For PQFN Packages)
2.
Pins 10 & 29 must be isolated
* Restrictions on Hazardous Substances, European Union
Directive 2002/95/EC.


Similar Part No. - MAAD-009170-0001TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-009170-0001TB MA-COM-MAAD-009170-0001TB Datasheet
234Kb / 8P
   Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
More results

Similar Description - MAAD-009170-0001TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-009195 MA-COM-MAAD-009195 Datasheet
828Kb / 9P
   Minimal Phase Variation over Attenuation Range
MAAD-009260 MA-COM-MAAD-009260 Datasheet
744Kb / 7P
   Minimal Phase Variation over Attenuation Range
MAAD-009194 MA-COM-MAAD-009194 Datasheet
768Kb / 9P
   Minimal Phase Variation over Attenuation Range
MAPS-010143 MA-COM-MAPS-010143_16 Datasheet
1Mb / 7P
   Minimal Attenuation Variation over Phase Shift Range
logo
Micross Components
HMC346 MICROSS-HMC346 Datasheet
927Kb / 9P
   32 dB Attenuation Range
logo
Soshin electric Co., Lt...
SF3000C-JQ SOSHIN-SF3000C-JQ Datasheet
221Kb / 3P
   3-phase 3-line 500VAC Wide range high attenuation Type
SF2000C-JQ SOSHIN-SF2000C-JQ Datasheet
161Kb / 3P
   Single-phase 2-line 500VAC Wide range high attenuation Type
logo
TDK Electronics
RTHC-5006 TDK-RTHC-5006 Datasheet
1Mb / 5P
   High Attenuation Three-Phase Filter
RTHB-5006 TDK-RTHB-5006 Datasheet
1Mb / 4P
   High Attenuation Three-Phase Filter
logo
API Technologies Corp
TAD2104 APITECH-TAD2104 Datasheet
563Kb / 1P
   5 Bit Digital Attenuator Attenuation Range: 62 dB
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com