Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB67B000HG Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TB67B000HG
Description  High voltage 3-Phase Full-Wave Sine-Wave PWM Brushless Motor Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB67B000HG Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TB67B000HG Datasheet HTML 3Page - Toshiba Semiconductor TB67B000HG Datasheet HTML 4Page - Toshiba Semiconductor TB67B000HG Datasheet HTML 5Page - Toshiba Semiconductor TB67B000HG Datasheet HTML 6Page - Toshiba Semiconductor TB67B000HG Datasheet HTML 7Page - Toshiba Semiconductor TB67B000HG Datasheet HTML 8Page - Toshiba Semiconductor TB67B000HG Datasheet HTML 9Page - Toshiba Semiconductor TB67B000HG Datasheet HTML 10Page - Toshiba Semiconductor TB67B000HG Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TB67B000HG
2013-5-9
7
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
VBB
500
Power supply voltage
VCC
18
V
Vin (1)
−0.3 to VCC
(Note 1)
Input voltage
Vin (2)
−0.3 to Vrefout +0.3
(Note 2)
V
Output current (DC)
IOUT
2
A
Output current (pulse 1ms)
IOUTP
3
(Note 3)
A
Vreg current
Ireg
30
mA
Vrefout current
Irefout
35
mA
Power dissipation
PD
35
(Note 4)
W
Operating temperature
Topr
−30 to 115
(Note 5)
°C
Strage temperature
Tstg
−55 to 150
°C
Note: The absolute maximum ratings of a semiconductor device are a set of ratings that must not be exceeded,
even for a moment. Do not exceed any of these ratings. Exceeding the rating (s) may cause the device
breakdown, damage or deterioration, and may result injury by explosion or combustion.Please use the
TB67B000HG within the specified operating ranges.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Vin (1) pin: VSP and LA
Note 2: Vin (2) pin: HUP, HUM, HVP, HVM, HWP, HWM, SS, FGC, CW/CCW, and Idc.
Note 3: Apply pulse
Note 4: Package thermal resistance (
θ j-c = 1 °C/W) with an infinite heat sink at Ta = 25°C
Note 5: The operating temperature range is determined according to the PD MAX − Ta characteristics.
Operating conditions (Ta = 25°C)
Characteristics
Symbol
Min
Typ.
Max
Unit
VBB
50
280
450
Power supply voltage
VCC
13.5
15
16.5
V
Oscillation frequency
FOSC
3.5
5
6.4
MHz
Output current
Iout
2
A
Operating temperature
Topr
−30
(Note 6)
115
(Note 6)
°C
Note 6: The operating temperature range is determined according to the PD MAX − Ta characteristics.


Similar Part No. - TB67B000HG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB67B000AFG TOSHIBA-TB67B000AFG Datasheet
454Kb / 31P
   TOSHIBA Bi-CMOS Power Integrated Circuit Multi-Chip Package (MCP)
2019-11-12
TB67B000AHG TOSHIBA-TB67B000AHG Datasheet
455Kb / 31P
   TOSHIBA Bi-CMOS Power Integrated Circuit Multi-Chip Package (MCP)
2019-05-30
TB67B000FG TOSHIBA-TB67B000FG Datasheet
349Kb / 31P
   High voltage 3-Phase Full-Wave Sine-Wave PWM Brushless Motor Driver
2018-02-02
More results

Similar Description - TB67B000HG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB67B000FG TOSHIBA-TB67B000FG Datasheet
349Kb / 31P
   High voltage 3-Phase Full-Wave Sine-Wave PWM Brushless Motor Driver
2018-02-02
TB6556FG TOSHIBA-TB6556FG_12 Datasheet
273Kb / 22P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6584AFNG TOSHIBA-TB6584AFNG Datasheet
670Kb / 27P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
2016-02-22
TB6631FNG TOSHIBA-TB6631FNG Datasheet
784Kb / 28P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6634FNG TOSHIBA-TB6634FNG Datasheet
914Kb / 29P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6551F TOSHIBA-TB6551F Datasheet
230Kb / 18P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6551FAG TOSHIBA-TB6551FAG Datasheet
374Kb / 21P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
2012-09-28
TB6581H TOSHIBA-TB6581H_06 Datasheet
584Kb / 15P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6556F TOSHIBA-TB6556F Datasheet
307Kb / 22P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6581H TOSHIBA-TB6581H Datasheet
383Kb / 14P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com