Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-009260 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-009260
Description  Minimal Phase Variation over Attenuation Range
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-009260 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAD-009260 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-009260 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-009260 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-009260 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-009260 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-009260 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-009260 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Constant Phase Digital Attenuator
32 dB, 2-Bit, TTL Driver, DC - 3.0 GHz
Rev. V2
MAAD-009260
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Attenuation: Two 16 dB bits
 Minimal Phase Variation over Attenuation Range
 Low DC Power Consumption
 Hermetic Surface Mount Package
 Integral TTL Driver
 50 Ohm Nominal Impedance
 260°C Reflow Compatible
 RoHS* Compliant
Description
MACOM’s MAAD-009260-000100 is a GaAs FET
2-bit digital attenuator with two 16 dB steps and 32
dB total attenuation. The design has been optimized
to minimize phase variation over the attenuation
range. This attenuator and integral TTL driver is in a
hermetically sealed ceramic 16-lead surface mount
package.
The MAAD-009260-000100 is ideally suited for use
where accuracy, fast switching, very low power con-
sumption and low intermodulation products are re-
quired.
Typical applications include dynamic range setting in
precision receiver circuits and other gain/leveling
control
circuits.
Environmental
screening
is
available. Contact the factory for information.
Ordering Information
Part Number
Package
MAAD-009260-000100
Bulk Packaging
MAAD-009260-0001TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Schematic
Pin Configuration 1
Pin No.
Function
Pin No.
Function
1
RF1
9
GND
2
GND
10
+5V
3
GND
11
-5V
4
GND
12
GND
5
GND
13
C2
6
GND
14
C1
7
GND
15
GND
8
RF2
16
GND
1.
The metal bottom of the case must be connected to RF
and DC ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MAAD-009260

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-009260-000100 MA-COM-MAAD-009260-000100 Datasheet
177Kb / 6P
   Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
MAAD-009260-000100 MA-COM-MAAD-009260-000100 Datasheet
177Kb / 6P
   Constant Phase Digital Attenuator
MAAD-009260-000100 MA-COM-MAAD-009260-000100 Datasheet
177Kb / 6P
   Constant Phase Digital Attenuator
MAAD-009260-000100 MA-COM-MAAD-009260-000100_15 Datasheet
177Kb / 6P
   Constant Phase Digital Attenuator
MAAD-009260-0001TB MA-COM-MAAD-009260-0001TB Datasheet
177Kb / 6P
   Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
More results

Similar Description - MAAD-009260

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-009195 MA-COM-MAAD-009195 Datasheet
828Kb / 9P
   Minimal Phase Variation over Attenuation Range
MAAD-009170 MA-COM-MAAD-009170 Datasheet
899Kb / 9P
   Minimal Phase Variation over Attenuation Range
MAAD-009194 MA-COM-MAAD-009194 Datasheet
768Kb / 9P
   Minimal Phase Variation over Attenuation Range
MAPS-010143 MA-COM-MAPS-010143_16 Datasheet
1Mb / 7P
   Minimal Attenuation Variation over Phase Shift Range
logo
Micross Components
HMC346 MICROSS-HMC346 Datasheet
927Kb / 9P
   32 dB Attenuation Range
logo
Soshin electric Co., Lt...
SF3000C-JQ SOSHIN-SF3000C-JQ Datasheet
221Kb / 3P
   3-phase 3-line 500VAC Wide range high attenuation Type
SF2000C-JQ SOSHIN-SF2000C-JQ Datasheet
161Kb / 3P
   Single-phase 2-line 500VAC Wide range high attenuation Type
logo
TDK Electronics
RTHC-5006 TDK-RTHC-5006 Datasheet
1Mb / 5P
   High Attenuation Three-Phase Filter
RTHB-5006 TDK-RTHB-5006 Datasheet
1Mb / 4P
   High Attenuation Three-Phase Filter
logo
API Technologies Corp
TAD2104 APITECH-TAD2104 Datasheet
563Kb / 1P
   5 Bit Digital Attenuator Attenuation Range: 62 dB
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com