Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB67H301FTG Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TB67H301FTG
Description  Full-Bridge DC Motor Driver IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB67H301FTG Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TB67H301FTG Datasheet HTML 3Page - Toshiba Semiconductor TB67H301FTG Datasheet HTML 4Page - Toshiba Semiconductor TB67H301FTG Datasheet HTML 5Page - Toshiba Semiconductor TB67H301FTG Datasheet HTML 6Page - Toshiba Semiconductor TB67H301FTG Datasheet HTML 7Page - Toshiba Semiconductor TB67H301FTG Datasheet HTML 8Page - Toshiba Semiconductor TB67H301FTG Datasheet HTML 9Page - Toshiba Semiconductor TB67H301FTG Datasheet HTML 10Page - Toshiba Semiconductor TB67H301FTG Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TB67H301FTG
2014-10-01
7
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Recover temperature of thermal
shutdown circuit
TSDOFF
(Reference value *)
130
°C
Hysteresis temperature width of thermal
shutdown circuit
TSDHYS
(Reference value *)
40
°C
Detect voltage for VM decreasing
VMD
4.0
V
Recover voltage for VM decreasing
VMR
4.2
V
Hysteresis voltage width for VM
decreasing
VMHYS
(Reference value *)
0.2
V
Detect voltage for VCC decreasing
VCCD
2.7
V
Recover voltage for VCC decreasing
VCCR
2.8
V
Hysteresis voltage width for VCC
decreasing
VCCHYS
(Reference value *)
0.1
V
*: Toshiba does not implement testing before shipping.
Characteristics of Power Dissipation (Reference value)
TB67H301 FTG
0
0
25
50
75
100
125
150
1.0
2.0
3.0
On the PCB (4 layer board FR4
74mm×74mm×1.6mm)
Ambient temperature Ta (°C)
PD – Ta


Similar Part No. - TB67H301FTG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB67H302HG TOSHIBA-TB67H302HG Datasheet
970Kb / 23P
   Dual Bridge Driver IC for DC motor
TB67H303HG TOSHIBA-TB67H303HG Datasheet
977Kb / 23P
   Full Bridge Driver IC for DC motor
More results

Similar Description - TB67H301FTG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6559FG TOSHIBA-TB6559FG Datasheet
229Kb / 19P
   Full-Bridge DC Motor Driver IC
TB6643KQ TOSHIBA-TB6643KQ Datasheet
247Kb / 15P
   Full-Bridge DC Motor Driver IC
TB6559FG TOSHIBA-TB6559FG_13 Datasheet
336Kb / 19P
   Full-Bridge DC Motor Driver IC
TB6568KQ TOSHIBA-TB6568KQ_14 Datasheet
382Kb / 15P
   Full-Bridge DC Motor Driver IC
TB6568KQ TOSHIBA-TB6568KQ Datasheet
236Kb / 15P
   Full-Bridge DC Motor Driver IC
TB6569FG TOSHIBA-TB6569FG Datasheet
287Kb / 18P
   Full-Bridge DC Motor Driver IC
TB67H303HG TOSHIBA-TB67H303HG Datasheet
977Kb / 23P
   Full Bridge Driver IC for DC motor
logo
Allegro MicroSystems
SPF7302 ALLEGRO-SPF7302 Datasheet
359Kb / 16P
   Full Bridge DC Motor Driver
logo
Sanken electric
SPF7302 SANKEN-SPF7302 Datasheet
262Kb / 16P
   Full Bridge DC Motor Driver
logo
Toshiba Semiconductor
TB62300FG TOSHIBA-TB62300FG Datasheet
607Kb / 28P
   Dual Full-Bridge Driver for DC Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com