Electronic Components Datasheet Search |
|
MAAL-008091-TR3000 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc. |
|
MAAL-008091-TR3000 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc. |
2 / 6 page High Dynamic Range Low Noise Amplifier 800 - 1000 MHz Rev. V2 MAAL-008091 2 2 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 2 Electrical Specifications: TA = +25°C, F = 900 MHz, PIN= -30 dBm, Z0 = 50 Ω Parameter Test Conditions Units Min. Typ. Max. Gain 5 V, 60 mA 2 3 V, 20 mA dB dB 13 12 15 13.5 — — Noise Figure 5 V, 60 mA 2 3 V, 20 mA dB dB — — 1.20 1.25 1.50 1.50 Input VSWR — Ratio — 2.0:1 — Output VSWR — Ratio — 1.5:1 — Output 1 dB Compression 5 V, 60 mA 2 3 V, 20 mA dBm dBm — — 16.5 8.5 — — Input IP3 5 V, 60 mA 2 3 V, 20 mA dBm dBm 12.5 4.0 15 6.5 — — Reverse Isolation — dB — 25 — 2. Using external 15 resistor. See functional schematic. Handling Procedures Please observe the following precautions to avoid damage: Static Sensitivity Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices. Absolute Maximum Ratings 3,4 Parameter Absolute Maximum VDD +10 VDC Input Power +10 dBm Current5 120 mA Channel Temperature6 +150°C Operating Temperature -40°C to +85°C Storage Temperature -65°C to +150°C 3. Exceeding any one or combination of these limits may cause permanent damage to this device. 4. M/A-COM does not recommend sustained operation near these survivability limits. 5. When pin #2 is used to increase current (see note 8). 6. Thermal resistance ( jc) = +88°C/W. |
Similar Part No. - MAAL-008091-TR3000 |
|
Similar Description - MAAL-008091-TR3000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |