Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-009053-000000 Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-009053-000000
Description  Satellite TV Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-009053-000000 Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

  MAAL-009053-000000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-009053-000000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-009053-000000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-009053-000000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-009053-000000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-009053-000000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-009053-000000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-009053-000000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-009053-000000 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Satellite TV Amplifier
800 - 3000 MHz
Rev. V6
MAAL-009053
8
8
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
8
S-Parameters
Output IP3
P1dB
Typical Performance Curves:
3 Volt Application Section
75 Ω Input - 50 Ω Output, 950 - 2150 MHz
-20
-10
0
10
20
0.5
1.0
1.5
2.0
2.5
3.0
Gain
S11
S22
Frequency (GHz)
0
4
8
12
16
20
0
2
4
6
8
10
12
14
16
18
20
950 MHz
1550 MHz
2150 MHz
Output Power (dBm)
28
30
32
34
36
38
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Low Side
High Side
Frequency (GHz)
Noise
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Frequency (GHz)


Similar Part No. - MAAL-009053-000000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
MAAL-009120-001SMB MA-COM-MAAL-009120-001SMB Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
MAAL-009120-001SMB MA-COM-MAAL-009120-001SMB Datasheet
876Kb / 11P
   Miniature Broadband Gain Stage
MAAL-009120-TR1000 MA-COM-MAAL-009120-TR1000 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
More results

Similar Description - MAAL-009053-000000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-011119 MA-COM-MAAL-011119 Datasheet
953Kb / 8P
   Satellite TV Amplifier
logo
NXP Semiconductors
TDA8011T PHILIPS-TDA8011T Datasheet
80Kb / 12P
   IF amplifier for satellite TV receivers
February 1995
logo
STMicroelectronics
TEA2130 STMICROELECTRONICS-TEA2130 Datasheet
126Kb / 8P
   TV AND SATELLITE DECODER SCANNING PROCESSOR
September 1993
logo
Silicon Laboratories
SI2166-B20 SILABS-SI2166-B20 Datasheet
55Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
logo
Toshiba Semiconductor
TD7626F TOSHIBA-TD7626F_01 Datasheet
220Kb / 14P
   2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV
TD7626F TOSHIBA-TD7626F Datasheet
459Kb / 14P
   2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV
logo
Skyworks Solutions Inc.
SI2166-B22 SKYWORKS-SI2166-B22 Datasheet
176Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
November 17, 2021
logo
Silicon Laboratories
SI2166-B22 SILABS-SI2166-B22 Datasheet
161Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
logo
Zarlink Semiconductor I...
SL1451 ZARLINK-SL1451 Datasheet
70Kb / 5P
   WIDEBAND PLL FM DETECTOR FOR SATELLITE TV
SL1454 ZARLINK-SL1454 Datasheet
324Kb / 9P
   WIDEBAND LINEAR FM DETECTOR FOR SATELLITE TV
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com