Electronic Components Datasheet Search |
|
MAAL-009120 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc. |
|
MAAL-009120 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc. |
2 / 11 page Miniature Broadband Gain Stage 70 - 3000 MHz Rev. V1 MAAL-009120 2 2 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 2 Component List @ 3V, 5V Part Value Case Style Purpose C1 39 pF 0402 Input DC Block C2 39 pF 0402 Output DC Block C3 470 pF 0402 RF Bypass L1 12 nH 0805 RF Choke/Tuning Baseline Application Schematic @ 3V, 5V RF IN RF OUT C3 L1 C2 C1 VDD Electrical Specifications: Freq. = 500 - 3000 MHz, TA = 25°C, Z0 = 50 Ω Recommended PCB Configuration @ 3V, 5V Handling Procedures The following precautions should be observed to avoid damage: Static Sensitivity Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be dam- aged by static electricity. Proper ESD control techniques should be used when handling these devices. Test Conditions Units Bias Voltage Parameter 3 Volts 5 Volts5 Min. Typ. Max. Typ. Gain F = 0.9 GHz F = 1.9 GHz F = 3.0 GHz dB — 10.4 — 14 11 8 — 13.0 — 14.5 11.2 8.5 Noise Figure F = 0.9 GHz F = 1.9 GHz F = 3.0 GHz dB — — — 1.4 1.4 1.5 — 1.8 — 1.5 1.5 1.6 Input Return Loss F = 0.9 GHz F = 1.9 GHz F = 3.0 GHz dB — — — 7 11 11 — — — 7 11.0 10.5 Output Return Loss F = 0.9 GHz F = 1.9 GHz F = 3.0 GHz dB — — — 22 20 15.5 — — — 26 18.5 17 Output P1dB 500 – 3000 MHz dBm — 18.5 — — Output IP3 500 – 3000 MHz dBm — 35 — 35 Current — mA 60 80 100 95 |
Similar Part No. - MAAL-009120_15 |
|
Similar Description - MAAL-009120_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |