Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB67S213FTAG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TB67S213FTAG
Description  PWM method PHASE-IN Bipolar stepping motor driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB67S213FTAG Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TB67S213FTAG Datasheet HTML 1Page - Toshiba Semiconductor TB67S213FTAG Datasheet HTML 2Page - Toshiba Semiconductor TB67S213FTAG Datasheet HTML 3Page - Toshiba Semiconductor TB67S213FTAG Datasheet HTML 4Page - Toshiba Semiconductor TB67S213FTAG Datasheet HTML 5Page - Toshiba Semiconductor TB67S213FTAG Datasheet HTML 6Page - Toshiba Semiconductor TB67S213FTAG Datasheet HTML 7Page - Toshiba Semiconductor TB67S213FTAG Datasheet HTML 8Page - Toshiba Semiconductor TB67S213FTAG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TB67S213FTAG
2013-08-19
Ver.1.02
4
Pin assignment / function
TB67S213FTAG (QFN36)
Pin No.1 - 36
Pin No.
Pin Name
Function
1
IN_B1
Bch step resolution control 1
2
IN_B2
Bch step resolution control 2
3
STANDBY
Standby set pin
4
GND
Ground pin
5
NC
Non-connection pin
6
RS_A
Motor Ach current sense pin
7
RS_A
Motor Ach current sense pin
8
OUT_A+
Motor Ach (+) output pin
9
OUT_A+
Motor Ach (+) output pin
10
GND
Ground pin
11
OUT_A-
Motor Ach (-) output pin
12
OUT_A-
Motor Ach (-) output pin
13
GND
Ground pin
14
NC
Non-connection pin
15
GND
Ground pin
16
OUT_B-
Motor Bch (-) output pin
17
OUT_B-
Motor Bch (-) output pin
18
GND
Ground pin
19
OUT_B+
Motor Bch (+) output pin
20
OUT_B+
Motor Bch (+) output pin
21
RS_B
Motor Bch current sense pin
22
RS_B
Motor Bch current sense pin
23
VM
VM power supply pin
24
NC
Non-connection pin
25
VCC
Internal VCC regulator monitor pin
26
NC
Non-connection pin
27
NC
Non-connection pin
28
NC
Non-connection pin
29
GND
Ground pin
30
VREF_B
Motor Bch current threshold set pin
31
VREF_A
Motor Ach current threshold set pin
32
OSCM
Internal Oscillator frequency set pin
33
IN_A1
Ach step resolution control 1
34
IN_A2
Ach step resolution control 2
35
PHASE_A
Ach phase set pin
36
PHASE_B
Bch phase set pin
・Please do not run patterns under NC pins.
・Please short the pins with the same pin names, while using the TB67S213.


Similar Part No. - TB67S213FTAG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB67S215FTAG TOSHIBA-TB67S215FTAG Datasheet
892Kb / 23P
   PWM method CLOCK-IN Bipolar stepping motor driver
More results

Similar Description - TB67S213FTAG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB67S215FTAG TOSHIBA-TB67S215FTAG Datasheet
892Kb / 23P
   PWM method CLOCK-IN Bipolar stepping motor driver
TB62269FTG TOSHIBA-TB62269FTG Datasheet
975Kb / 27P
   PWM method CLK-IN bipolar stepping motor driver
TB62206FG TOSHIBA-TB62206FG Datasheet
371Kb / 27P
   BiCD PWM 2−Phase Bipolar Stepping Motor Driver
TB62213AHQ TOSHIBA-TB62213AHQ Datasheet
466Kb / 22P
   PHASE-in controlled Bipolar Stepping Motor Driver IC
2015-07-10
TA84002F TOSHIBA-TA84002F_06 Datasheet
459Kb / 21P
   PWM CHOPPER-TYPE 2−PHASE BIPOLAR STEPPING MOTOR DRIVER
TB6504F TOSHIBA-TB6504F Datasheet
729Kb / 20P
   PWM CHOPPER TYPE BIPOLAR STEPPING MOTOR DRIVER
TB6512AF TOSHIBA-TB6512AF Datasheet
642Kb / 18P
   PWM CHOPPER TYPE BIPOLAR STEPPING MOTOR DRIVER
TB6504FG TOSHIBA-TB6504FG Datasheet
639Kb / 23P
   PWM CHOPPER TYPE BIPOLAR STEPPING MOTOR DRIVER
2006-3-6
TA8435H TOSHIBA-TA8435H_06 Datasheet
562Kb / 28P
   PWM CHOPPER-TYPE BIPOLAR STEPPING MOTOR DRIVER.
TA8435H TOSHIBA-TA8435H Datasheet
470Kb / 25P
   PWM CHOPPER TYPE BIPOLAR STEPPING MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com