Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-010704-000000 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-010704-000000
Description  Adjustable Current with an External Resistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-010704-000000 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAL-010704-000000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-010704-000000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-010704-000000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-010704-000000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-010704-000000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-010704-000000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-010704-000000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-010704-000000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-010704-000000 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Low Noise Amplifier
0.1-3.5 GHz
Rev. V2
MAAL-010704
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications6,7: 2 GHz (T = 25°C, VDD = 3 V, Z0 = 50 )
Parameter
Units
Min.
Typ.
Max.
Small Signal Gain (S21)
dB
12.5
14.3
-
Output Intercept Point (OIP3)
dBm
-
+34.5
-
Output P1dB
dBm
17.0
+18.6
-
Quiescent Current (Idd)
mA
-
60.0
75.0
Noise Figure (NF)
dB
-
0.95
-
Typical Performance 4,5: VDD = 3.0 V, IDD = 60 mA, IBIAS = 8 mA, 25 ºC
Parameter
Units
TYP
TYP
TYP
TYP
TYP
TYP
TYP
TYP
TYP
Frequency (F)
GHz
0.2
0.5
0.8
1.0
1.5
2.0
2.5
3.0
3.5
Gain (S21)
dB
22.0
21.5
19.5
18.5
16.0
14.0
12.5
11.0
10.0
Output IP3 (OIP3)
dBm
33.2
34.9
36.7
33.7
34.0
34.5
35.0
36.7
37.2
Output P1dB (P1dB)
dBm
17.0
18.0
18.6
18.3
18.8
19.1
19.0
19.1
18.4
Input Return Loss (S11)
dB
-11.0
-13.0
-13.0
-12.7
-12.0
-11.4
-10.5
-10.0
-9.1
Output Return Loss (S22)
dB
-19.0
-26.0
-23.0
-22.0
-20.5
-20.5
-20.0
-19.5
-20.0
Noise Figure (NF)
dB
0.70
0.80
0.75
0.74
0.75
0.84
0.93
1.10
1.20
Typical Performance 4,5: VDD = 5.0 V, IDD = 60 mA, IBIAS = 8 mA, 25 ºC
Parameter
Units
TYP
TYP
TYP
TYP
TYP
TYP
TYP
TYP
TYP
Frequency (F)
GHz
0.2
0.5
0.8
1.0
1.5
2.0
2.5
3.0
3.5
Gain (S21)
dB
22.0
21.5
19.5
18.5
16.0
14.0
12.5
11.0
10.0
Output IP3 (OIP3)
dBm
31.8
34.0
35.0
36.5
36.2
36.5
37.1
37.6
36.8
Output P1dB (P1dB)
dBm
22.0
21.0
22.0
21.9
22.2
22.2
22.4
22.4
22.1
Input Return Loss (S11)
dB
-11.0
-13.0
-13.0
-12.7
-12.0
-11.5
-10.5
-10.0
-9.0
Output Return Loss (S22)
dB
-22.0
-26.0
-20.0
-19.0
-17.5
-17.0
-17.0
-16.5
-17.0
Noise Figure (NF)
dB
0.80
0.84
0.80
0.78
0.80
0.90
1.0
1.16
1.28
4. Typical values presented in the above table were obtained by measurements using RF probes in a 50 ohm system.
5. Pout = 5 dBm, Tone Spacing = 1 MHz
6. Unless otherwise specified, the specifications are guaranteed at room temperature in a M/A-COM Technology Solutions test fixture.
7. Typical values presented in the above table are based on data from multiple wafer lots and evaluation board MAAL-010704-001SMB.


Similar Part No. - MAAL-010704-000000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010704-000000 MA-COM-MAAL-010704-000000 Datasheet
507Kb / 14P
   Low Noise Amplifier Adjustable Current with an External Resistor
More results

Similar Description - MAAL-010704-000000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010704 MA-COM-MAAL-010704 Datasheet
507Kb / 14P
   Low Noise Amplifier Adjustable Current with an External Resistor
logo
Texas Instruments
TL852 TI1-TL852 Datasheet
85Kb / 7P
[Old version datasheet]   Overall Gain Adjustable With One External Resistor
logo
Silicon Touch Technolog...
LS521 SITI-LS521 Datasheet
711Kb / 12P
   Tunable illumination sensitivity by an external resistor
logo
Vishay Siliconix
SIC401 VISHAY-SIC401 Datasheet
632Kb / 10P
   Selectable frequency from 200 kHz to 1 MHz with an external resistor
Revision: 17-Nov-14
logo
STMicroelectronics
AN4006 STMICROELECTRONICS-AN4006 Datasheet
3Mb / 19P
   using the PM8803 and an external current booster
LNBH25 STMICROELECTRONICS-LNBH25 Datasheet
1Mb / 34P
   Selectable output current limit by external resistor
February 2012 Rev 4
LNBH30 STMICROELECTRONICS-LNBH30 Datasheet
830Kb / 27P
   Selectable output current limit by external resistor
March 2015 Rev 2
LNBH23L STMICROELECTRONICS-LNBH23L Datasheet
504Kb / 25P
   Selectable output current limit by external resistor
November 2010 Rev 4
LNBH26L STMICROELECTRONICS-LNBH26L Datasheet
944Kb / 28P
   Selectable output current limit by external resistor
March 2012 Rev 1
logo
ON Semiconductor
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com