Electronic Components Datasheet Search |
|
MAAL-010704-000000 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc. |
|
MAAL-010704-000000 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc. |
3 / 15 page Low Noise Amplifier 0.1-3.5 GHz Rev. V2 MAAL-010704 3 3 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 3 Absolute Maximum Ratings8,9 Parameter Absolute Max. Supply Voltage (VDD) +5.5 V Current (Idq) 100 mA Bias Current (Ibias) 15 mA Power Dissipation (Pdis) 600 mW RF Input Power (Pin) +24 dBm Storage Temperature (Tstg) -55 to +150 ºC Operating Temperature (Ta) -40 to +85 ºC Junction Temperature 150 ºC Thermal Resistance 104 ºC/W ESD (HBM) Class 1A Moisture Sensitivity Level MSL1 8. Exceeding any one or combination of these limits may cause permanent damage to this device. 9. M/A-COM Technology Solutions does not recommend sustained operation near these survivability limits. Evaluation Board (MAAL-010704-001SMB) 10. Vbias can be connected separate of VDD to control the drain current. When Vbias is connected directly either a resistor is used to drop the voltage down from 3V, or if the exact bias voltage (~2V) is applied, then an inductor L3 can be used. Component Values Ref Designator Description C1, C4, C5 1 nF 0402 Capacitor C6 10 nF 0402 Capacitor C9 100 µF Tantalum Capacitor Size C L2 82 nH 0402 Inductor L3 or R110 Please refer to Rbias Vs IDQ plot to select the appropriate R1 value C2, C3, C7, C8, L1, L3 DNP Evaluation Board Schematic RFIN RFOUT C1 C4 R1 VCC L2 C5 C9 C6 |
Similar Part No. - MAAL-010704-000000 |
|
Similar Description - MAAL-010704-000000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |