Electronic Components Datasheet Search |
|
MAAL-010704-TR3000 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc. |
|
MAAL-010704-TR3000 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc. |
2 / 15 page Low Noise Amplifier 0.1-3.5 GHz Rev. V2 MAAL-010704 2 2 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 2 Electrical Specifications6,7: 2 GHz (T = 25°C, VDD = 3 V, Z0 = 50 ) Parameter Units Min. Typ. Max. Small Signal Gain (S21) dB 12.5 14.3 - Output Intercept Point (OIP3) dBm - +34.5 - Output P1dB dBm 17.0 +18.6 - Quiescent Current (Idd) mA - 60.0 75.0 Noise Figure (NF) dB - 0.95 - Typical Performance 4,5: VDD = 3.0 V, IDD = 60 mA, IBIAS = 8 mA, 25 ºC Parameter Units TYP TYP TYP TYP TYP TYP TYP TYP TYP Frequency (F) GHz 0.2 0.5 0.8 1.0 1.5 2.0 2.5 3.0 3.5 Gain (S21) dB 22.0 21.5 19.5 18.5 16.0 14.0 12.5 11.0 10.0 Output IP3 (OIP3) dBm 33.2 34.9 36.7 33.7 34.0 34.5 35.0 36.7 37.2 Output P1dB (P1dB) dBm 17.0 18.0 18.6 18.3 18.8 19.1 19.0 19.1 18.4 Input Return Loss (S11) dB -11.0 -13.0 -13.0 -12.7 -12.0 -11.4 -10.5 -10.0 -9.1 Output Return Loss (S22) dB -19.0 -26.0 -23.0 -22.0 -20.5 -20.5 -20.0 -19.5 -20.0 Noise Figure (NF) dB 0.70 0.80 0.75 0.74 0.75 0.84 0.93 1.10 1.20 Typical Performance 4,5: VDD = 5.0 V, IDD = 60 mA, IBIAS = 8 mA, 25 ºC Parameter Units TYP TYP TYP TYP TYP TYP TYP TYP TYP Frequency (F) GHz 0.2 0.5 0.8 1.0 1.5 2.0 2.5 3.0 3.5 Gain (S21) dB 22.0 21.5 19.5 18.5 16.0 14.0 12.5 11.0 10.0 Output IP3 (OIP3) dBm 31.8 34.0 35.0 36.5 36.2 36.5 37.1 37.6 36.8 Output P1dB (P1dB) dBm 22.0 21.0 22.0 21.9 22.2 22.2 22.4 22.4 22.1 Input Return Loss (S11) dB -11.0 -13.0 -13.0 -12.7 -12.0 -11.5 -10.5 -10.0 -9.0 Output Return Loss (S22) dB -22.0 -26.0 -20.0 -19.0 -17.5 -17.0 -17.0 -16.5 -17.0 Noise Figure (NF) dB 0.80 0.84 0.80 0.78 0.80 0.90 1.0 1.16 1.28 4. Typical values presented in the above table were obtained by measurements using RF probes in a 50 ohm system. 5. Pout = 5 dBm, Tone Spacing = 1 MHz 6. Unless otherwise specified, the specifications are guaranteed at room temperature in a M/A-COM Technology Solutions test fixture. 7. Typical values presented in the above table are based on data from multiple wafer lots and evaluation board MAAL-010704-001SMB. |
Similar Part No. - MAAL-010704-TR3000 |
|
Similar Description - MAAL-010704-TR3000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |