Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-010704-TR3000 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-010704-TR3000
Description  Adjustable Current with an External Resistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-010704-TR3000 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAL-010704-TR3000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-010704-TR3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-010704-TR3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-010704-TR3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-010704-TR3000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-010704-TR3000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-010704-TR3000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-010704-TR3000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-010704-TR3000 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Low Noise Amplifier
0.1-3.5 GHz
Rev. V2
MAAL-010704
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Absolute Maximum Ratings8,9
Parameter
Absolute Max.
Supply Voltage (VDD)
+5.5 V
Current (Idq)
100 mA
Bias Current (Ibias)
15 mA
Power Dissipation (Pdis)
600 mW
RF Input Power (Pin)
+24 dBm
Storage Temperature (Tstg)
-55 to +150 ºC
Operating Temperature (Ta)
-40 to +85 ºC
Junction Temperature
150 ºC
Thermal Resistance
104 ºC/W
ESD (HBM)
Class 1A
Moisture Sensitivity Level
MSL1
8. Exceeding any one or combination of these limits may cause
permanent damage to this device.
9. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.
Evaluation Board (MAAL-010704-001SMB)
10. Vbias can be connected separate of VDD to control the drain
current. When Vbias is connected directly either a resistor is
used to drop the voltage down from 3V, or if the exact bias
voltage (~2V) is applied, then an inductor L3 can be used.
Component Values
Ref Designator
Description
C1, C4, C5
1 nF 0402 Capacitor
C6
10 nF 0402 Capacitor
C9
100 µF Tantalum
Capacitor Size C
L2
82 nH 0402 Inductor
L3 or R110
Please refer to Rbias Vs IDQ
plot to select the appropriate
R1 value
C2, C3, C7, C8, L1, L3
DNP
Evaluation Board Schematic
RFIN
RFOUT
C1
C4
R1
VCC
L2
C5
C9
C6


Similar Part No. - MAAL-010704-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010704-TR3000 MA-COM-MAAL-010704-TR3000 Datasheet
507Kb / 14P
   Low Noise Amplifier Adjustable Current with an External Resistor
More results

Similar Description - MAAL-010704-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010704 MA-COM-MAAL-010704 Datasheet
507Kb / 14P
   Low Noise Amplifier Adjustable Current with an External Resistor
logo
Texas Instruments
TL852 TI1-TL852 Datasheet
85Kb / 7P
[Old version datasheet]   Overall Gain Adjustable With One External Resistor
logo
Silicon Touch Technolog...
LS521 SITI-LS521 Datasheet
711Kb / 12P
   Tunable illumination sensitivity by an external resistor
logo
Vishay Siliconix
SIC401 VISHAY-SIC401 Datasheet
632Kb / 10P
   Selectable frequency from 200 kHz to 1 MHz with an external resistor
Revision: 17-Nov-14
logo
STMicroelectronics
AN4006 STMICROELECTRONICS-AN4006 Datasheet
3Mb / 19P
   using the PM8803 and an external current booster
LNBH25 STMICROELECTRONICS-LNBH25 Datasheet
1Mb / 34P
   Selectable output current limit by external resistor
February 2012 Rev 4
LNBH30 STMICROELECTRONICS-LNBH30 Datasheet
830Kb / 27P
   Selectable output current limit by external resistor
March 2015 Rev 2
LNBH23L STMICROELECTRONICS-LNBH23L Datasheet
504Kb / 25P
   Selectable output current limit by external resistor
November 2010 Rev 4
LNBH26L STMICROELECTRONICS-LNBH26L Datasheet
944Kb / 28P
   Selectable output current limit by external resistor
March 2012 Rev 1
logo
ON Semiconductor
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com