Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB6612FNG Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TB6612FNG
Description  Driver IC for Dual DC motor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6612FNG Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TB6612FNG Datasheet HTML 2Page - Toshiba Semiconductor TB6612FNG Datasheet HTML 3Page - Toshiba Semiconductor TB6612FNG Datasheet HTML 4Page - Toshiba Semiconductor TB6612FNG Datasheet HTML 5Page - Toshiba Semiconductor TB6612FNG Datasheet HTML 6Page - Toshiba Semiconductor TB6612FNG Datasheet HTML 7Page - Toshiba Semiconductor TB6612FNG Datasheet HTML 8Page - Toshiba Semiconductor TB6612FNG Datasheet HTML 9Page - Toshiba Semiconductor TB6612FNG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TB6612FNG
Target characteristics
PD - Ta
0.00
0.50
1.00
1.50
0
50
100
150
Ta (℃)
(w)
①IC単体θj-a=160℃/W
②基板実装時
PCB面積 50×50×1.6mm
Cu箔面積≧40%
③基板実装時
PCB面積 76.2×114.3×1.6mm
Cu箔面積≧30%
IC only θj – a = 160°C/W
In boarding
PCB area 50 mm×50 mm×1.6 mm
Cu area ≥ 40%
In boarding
PCB area 76.2 mm×114.3 mm×1.6 mm
Cu area ≥ 30%
PD - Ta
Ta = 25°C, IC only
1 ch driving
2 ch driving
Iout - Duty
0.0
0.5
1.0
1.5
2.0
2.5
0%
20%
40%
60%
80%
100%
Duty
(A)
2ch動作時
1ch動作時
Ta=25℃,IC単体
IOUT - Duty
Dual-channel operation
Single-channel operation
Ta = 25°C, IC only
2014-10-01
6


Similar Part No. - TB6612FNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6613FTG TOSHIBA-TB6613FTG Datasheet
432Kb / 30P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
TB6614FNG TOSHIBA-TB6614FNG Datasheet
267Kb / 11P
   Driver IC for DC motor
TB6615PG TOSHIBA-TB6615PG Datasheet
451Kb / 13P
   STEPPING MOTOR CONTROLLER / DRIVER
More results

Similar Description - TB6612FNG

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
TB6592FL SIPEX-TB6592FL Datasheet
138Kb / 10P
   Dual-Bridge Driver IC for DC motor
logo
Toshiba Semiconductor
TB67H302HG TOSHIBA-TB67H302HG Datasheet
970Kb / 23P
   Dual Bridge Driver IC for DC motor
TB6614FNG TOSHIBA-TB6614FNG Datasheet
267Kb / 11P
   Driver IC for DC motor
logo
Panasonic Semiconductor
AN44075A PANASONIC-AN44075A Datasheet
271Kb / 11P
   Driver IC for DC motor
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
logo
Texas Instruments
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
DRV8802 TI1-DRV8802 Datasheet
558Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
JUNE2011
DRV8814 TI1-DRV8814_14 Datasheet
873Kb / 19P
[Old version datasheet]   DC MOTOR DRIVER IC
DRV8840 TI1-DRV8840_15 Datasheet
1Mb / 28P
[Old version datasheet]   DC Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com