Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8126B Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP8126B
Description  High Speed Differential APC Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8126B Datasheet(HTML) 8 Page - Sipex Corporation

  SP8126B Datasheet HTML 1Page - Sipex Corporation SP8126B Datasheet HTML 2Page - Sipex Corporation SP8126B Datasheet HTML 3Page - Sipex Corporation SP8126B Datasheet HTML 4Page - Sipex Corporation SP8126B Datasheet HTML 5Page - Sipex Corporation SP8126B Datasheet HTML 6Page - Sipex Corporation SP8126B Datasheet HTML 7Page - Sipex Corporation SP8126B Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Rev:A Date: 3/18/04
SP8126B High Speed Differential APC Amplifier
© Copyright 2004 Sipex Corporation
ORDERING INFORMATION
Part Number
Temperature Range
Package Type
SP8126CB-3 ........................................... -20°C to +85°C .............. 8 lead COB (3.0mm x 3.5mm)
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Corporation
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com


Similar Part No. - SP8126B

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
SP8121JP SIPEX-SP8121JP Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
SP8121JS SIPEX-SP8121JS Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
SP8121KP SIPEX-SP8121KP Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
SP8121KS SIPEX-SP8121KS Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
More results

Similar Description - SP8126B

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8130 SIPEX-SP8130 Datasheet
269Kb / 5P
   High Speed Differential APC Amplifier
SP8127 SIPEX-SP8127 Datasheet
125Kb / 5P
   High Speed Differential APC Amplifier
SP8127N SIPEX-SP8127N Datasheet
126Kb / 5P
   High Speed Differential APC Amplifier
SP8027 SIPEX-SP8027 Datasheet
101Kb / 3P
   High Speed, Constant Bandwidth Differential APC Amplifier
logo
Texas Instruments
LMH6550 TI1-LMH6550 Datasheet
2Mb / 33P
[Old version datasheet]   Differential, High-Speed Operational Amplifier
logo
National Semiconductor ...
LMH730154 NSC-LMH730154 Datasheet
558Kb / 5P
   High Speed Differential Amplifier Evaluation Board
logo
Analog Devices
AD8132 AD-AD8132_16 Datasheet
524Kb / 33P
   Low Cost, High Speed Differential Amplifier
AD8132ARZ-REEL7 AD-AD8132ARZ-REEL7 Datasheet
703Kb / 33P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8132 AD-AD8132 Datasheet
391Kb / 20P
   Low-Cost, High-Speed Differential Amplifier
REV. 0
AD8132 AD-AD8132_06 Datasheet
441Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com