Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-011119-TR3000 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-011119-TR3000
Description  Satellite TV Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-011119-TR3000 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAL-011119-TR3000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-011119-TR3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-011119-TR3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-011119-TR3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-011119-TR3000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-011119-TR3000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-011119-TR3000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-011119-TR3000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Satellite TV Amplifier
900 - 2200 MHz
Rev. V2
MAAL-011119
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = +25°C, VDD = 2.5 V, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
1900 MHz
2150 MHz
dB
9.4
10.5
10.0
12.0
Noise Figure
1900 MHz
2150 MHz
dB
1.5
1.4
2.1
Input Return Loss
1900 MHz
2150 MHz
dB
7
14
Output Return Loss
1900 MHz
2150 MHz
dB
20
20
Output P1dB
950-2150 MHz
dBm
16
Output IP3
950-2150 MHz
dBm
32
Current
mA
60
80
100
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
These
electronic
devices
are
sensitive
to
electrostatic discharge (ESD) and can be damaged
by static electricity. Proper ESD control techniques
should be used when handling these HBM class 1A
devices.
Parameter
Absolute Maximum
Gain Compression
6 dB
Voltage
5.5 V
Junction Temperature7,8
+150°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings5,6
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. MACOM does not recommend sustained operation near
these survivability limits.
7. Operating at nominal conditions with TJ ≤ +150°C will ensure
MTTF > 1 x 106 hours.
8. Junction Temperature (TJ) = TC + ӨJC * (V * I)
Typical thermal resistance (ӨJC) = 131°C/W
a) For TC = 25°C,
TJ = 58°C @ 2.5 V, 100 mA
b) For TC = 85°C,
TJ = 118°C @ 2.5 V, 100 mA


Similar Part No. - MAAL-011119-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-011111 MA-COM-MAAL-011111 Datasheet
645Kb / 7P
   Low Noise Amplifier
MAAL-011111-000SMB MA-COM-MAAL-011111-000SMB Datasheet
645Kb / 7P
   Low Noise Amplifier
MAAL-011111-TR0500 MA-COM-MAAL-011111-TR0500 Datasheet
645Kb / 7P
   Low Noise Amplifier
MAAL-011111-TR1000 MA-COM-MAAL-011111-TR1000 Datasheet
645Kb / 7P
   Low Noise Amplifier
More results

Similar Description - MAAL-011119-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-009053 MA-COM-MAAL-009053 Datasheet
939Kb / 9P
   Satellite TV Amplifier
logo
NXP Semiconductors
TDA8011T PHILIPS-TDA8011T Datasheet
80Kb / 12P
   IF amplifier for satellite TV receivers
February 1995
logo
STMicroelectronics
TEA2130 STMICROELECTRONICS-TEA2130 Datasheet
126Kb / 8P
   TV AND SATELLITE DECODER SCANNING PROCESSOR
September 1993
logo
Silicon Laboratories
SI2166-B20 SILABS-SI2166-B20 Datasheet
55Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
logo
Toshiba Semiconductor
TD7626F TOSHIBA-TD7626F_01 Datasheet
220Kb / 14P
   2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV
TD7626F TOSHIBA-TD7626F Datasheet
459Kb / 14P
   2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV
logo
Skyworks Solutions Inc.
SI2166-B22 SKYWORKS-SI2166-B22 Datasheet
176Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
November 17, 2021
logo
Silicon Laboratories
SI2166-B22 SILABS-SI2166-B22 Datasheet
161Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
logo
Zarlink Semiconductor I...
SL1451 ZARLINK-SL1451 Datasheet
70Kb / 5P
   WIDEBAND PLL FM DETECTOR FOR SATELLITE TV
SL1454 ZARLINK-SL1454 Datasheet
324Kb / 9P
   WIDEBAND LINEAR FM DETECTOR FOR SATELLITE TV
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com