Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB62206FG Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TB62206FG
Description  BiCD PWM 2?뭁hase Bipolar Stepping Motor Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62206FG Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TB62206FG_14 Datasheet HTML 2Page - Toshiba Semiconductor TB62206FG_14 Datasheet HTML 3Page - Toshiba Semiconductor TB62206FG_14 Datasheet HTML 4Page - Toshiba Semiconductor TB62206FG_14 Datasheet HTML 5Page - Toshiba Semiconductor TB62206FG_14 Datasheet HTML 6Page - Toshiba Semiconductor TB62206FG_14 Datasheet HTML 7Page - Toshiba Semiconductor TB62206FG_14 Datasheet HTML 8Page - Toshiba Semiconductor TB62206FG_14 Datasheet HTML 9Page - Toshiba Semiconductor TB62206FG_14 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
TB62206FG
Electrical Characteristics 2 (unless otherwise specified, Ta
= 25°C, VDD = 5 V, VM = 24 V)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Vref input voltage
Vref
DC
VM = 24 V, VDD = 5 V,
STANDBY
= H, Output on,
PHASE
= 1 kHz
GND
4.0
V
Vref input current
Iref
DC
STANDBY
= H, Output on,
VM = 24 V, VDD = 5 V,
Vref = 3.0 V
20
35
50
µA
Vref attenuation ratio
Vref (GAIN)
DC
VM = 24 V, VDD = 5 V,
STANDBY
= H, Output on,
Vref = 0.0 to 4.0 V
1/4.8
1/5.0
1/5.2
TSD temperature
(Note 1)
TjTSD
DC
VDD = 5 V, VM = 24 V
130
170
°C
TSD return temperature difference
(Note 1)
∆TjTSD
DC
TjTSD = 130 to 170°C
TjTSD
− 50
TjTSD
− 35
TjTSD
− 20
°C
VDD return voltage
VDDR
DC
VM = 24 V, STANDBY = H
2.0
3.0
4.0
V
VM return voltage
VMR
DC
VDD = 5 V, STANDBY = H
8.0
9.0
10
V
Over current protected circuit
operation current
(Note 2)
ISD
VDD = 5 V, VM = 24 V
3.0
A
Note 1: Thermal shut down (TSD) circuit
When the IC junction temperature reaches the specified value and the TSD circuit is activated, the internal
reset circuit is activated switching the outputs of both motors to off.
When the temperature is set between 130 (min) to 170°C (max), the TSD circuit operates.
When the TSD circuit is activated, the charge pump is halted, and TROTECT pin outputs VDD voltage.
Even if the TSD circuit is activated and STANDBY goes H
→ L → H instantaneously, the IC is not reset
until the IC junction temperature drops
−20°C (typ.) below the TSD operating temperature (hysteresis
function).
Note 2: Overcurrent protection circuit
When current exceeding the specified value flows to the output, the internal reset circuit is activated, and the
ISD turns off the output.
Until the STANDBY signal goes Low to High, the overcurrent protection circuit remains activated.
During ISD, IC turns STANDBY mode and the charge pump halts.
2014-10-01
6


Similar Part No. - TB62206FG_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62206FG TOSHIBA-TB62206FG Datasheet
371Kb / 27P
   BiCD PWM 2−Phase Bipolar Stepping Motor Driver
More results

Similar Description - TB62206FG_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA84002F TOSHIBA-TA84002F Datasheet
309Kb / 18P
   PWM CHOPPER TYPE 2?뭁HASE BIPOLAR STEPPING MOTOR DRIVER
TB62206FG TOSHIBA-TB62206FG Datasheet
371Kb / 27P
   BiCD PWM 2−Phase Bipolar Stepping Motor Driver
TB67S539FTG TOSHIBA-TB67S539FTG Datasheet
1Mb / 39P
   BiCD Constant-Current Two-Phase Bipolar Stepping Motor Driver IC
2022-06-21 Ver.1.1
TB6504F TOSHIBA-TB6504F Datasheet
729Kb / 20P
   PWM CHOPPER TYPE BIPOLAR STEPPING MOTOR DRIVER
TB6512AF TOSHIBA-TB6512AF Datasheet
642Kb / 18P
   PWM CHOPPER TYPE BIPOLAR STEPPING MOTOR DRIVER
TB6504FG TOSHIBA-TB6504FG Datasheet
639Kb / 23P
   PWM CHOPPER TYPE BIPOLAR STEPPING MOTOR DRIVER
2006-3-6
TA8435H TOSHIBA-TA8435H_06 Datasheet
562Kb / 28P
   PWM CHOPPER-TYPE BIPOLAR STEPPING MOTOR DRIVER.
TA8435H TOSHIBA-TA8435H Datasheet
470Kb / 25P
   PWM CHOPPER TYPE BIPOLAR STEPPING MOTOR DRIVER
TA84002F TOSHIBA-TA84002F_06 Datasheet
459Kb / 21P
   PWM CHOPPER-TYPE 2−PHASE BIPOLAR STEPPING MOTOR DRIVER
TB62269FTG TOSHIBA-TB62269FTG Datasheet
975Kb / 27P
   PWM method CLK-IN bipolar stepping motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com