Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-007796-TR3000 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-007796-TR3000
Description  Low Noise FTTx Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-007796-TR3000 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAM-007796-TR3000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-007796-TR3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-007796-TR3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-007796-TR3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-007796-TR3000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Low Noise FTTx Amplifier
50 - 1000 MHz
Rev. V3
MAAM-007796
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Reference Application Note S2083 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
Plating is 100% matte tin over copper.
Lead-Free 4 mm 20-Lead PQFN


Similar Part No. - MAAM-007796-TR3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM-007796-TR3000 MACOM-MAAM-007796-TR3000 Datasheet
154Kb / 4P
   Low Noise FTTx Amplifier 50 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAM-007796-TR3000 MA-COM-MAAM-007796-TR3000 Datasheet
157Kb / 4P
   Low Noise FTTx Amplifier 50 - 1000 MHz
More results

Similar Description - MAAM-007796-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-010239-V1 MA-COM-MAAM-010239-V1 Datasheet
239Kb / 4P
   Low Noise FTTx Amplifier
MAAM-007796 MA-COM-MAAM-007796 Datasheet
157Kb / 4P
   Low Noise FTTx Amplifier
MAAM-010239 MA-COM-MAAM-010239_15 Datasheet
900Kb / 5P
   Low Noise FTTx Amplifier
logo
Tyco Electronics
MAAM-007796-000000 MACOM-MAAM-007796-000000 Datasheet
154Kb / 4P
   Low Noise FTTx Amplifier 50 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAM-007796 MA-COM-MAAM-007796 Datasheet
157Kb / 4P
   Low Noise FTTx Amplifier 50 - 1000 MHz
logo
Tyco Electronics
MAAM-008644 MACOM-MAAM-008644 Datasheet
154Kb / 4P
   Low Noise FTTx Amplifier 50 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAM-008863 MA-COM-MAAM-008863_15 Datasheet
327Kb / 8P
   FTTx RF Amplifier
MAAM-008863-V3 MA-COM-MAAM-008863-V3 Datasheet
327Kb / 8P
   FTTx RF Amplifier
logo
Skyworks Solutions Inc.
ACA2604 SKYWORKS-ACA2604 Datasheet
1Mb / 16P
   870 MHz FTTx RF Amplifier
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com