Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB62209FG Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TB62209FG
Description  Stepping Motor Driver IC Using PWM Chopper Type
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62209FG Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TB62209FG_14 Datasheet HTML 4Page - Toshiba Semiconductor TB62209FG_14 Datasheet HTML 5Page - Toshiba Semiconductor TB62209FG_14 Datasheet HTML 6Page - Toshiba Semiconductor TB62209FG_14 Datasheet HTML 7Page - Toshiba Semiconductor TB62209FG_14 Datasheet HTML 8Page - Toshiba Semiconductor TB62209FG_14 Datasheet HTML 9Page - Toshiba Semiconductor TB62209FG_14 Datasheet HTML 10Page - Toshiba Semiconductor TB62209FG_14 Datasheet HTML 11Page - Toshiba Semiconductor TB62209FG_14 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
TB62209FG
2014-10-01
8
Pin Assignment (top view)
Pin Assignment for PWM in Data Mode
D MODE 1 → GA+ (OUT A, A )
D MODE 2 → GA− (OUT A, A )
D MODE 3 → GB+ (OUT B, B )
CW/CCW → GB− (OUT B, B )
Note: Pin assignment above is different at data mode and PWM.
1
D MODE 1
2
D MODE 2
36
35
CR
CLK
3
D MODE 3
4
CW/CCW
5
VDD
6
Vref
7
NC
8
NC
9
RS B
(FIN)
10
RS A
11
NC
12
NC
13
VM
14
STANDBY
15
Ccp A
16
Ccp B
17
Ccp C
18
MO
34 ENABLE
33 OUT B
32 RESET
31 DATA MODE
30 NC
29 OUT B
28 PGND
(FIN)
27 PGND
26 OUT A
25 NC
24 MDT 2
23 MDT 1
22 OUT A
21 TORQUE2
20 TORQUE1
19 PROTECT
TB62209FG
7pin and 8pin are
connected by a lead
frame. However,
there is no connection
to the chip.
11pin and 12pin are
connected by a lead
frame. However,
there is no connection
to the chip.


Similar Part No. - TB62209FG_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62209FG TOSHIBA-TB62209FG Datasheet
504Kb / 51P
   Stepping Motor Driver IC Using PWM Chopper Type
More results

Similar Description - TB62209FG_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62209FG TOSHIBA-TB62209FG Datasheet
504Kb / 51P
   Stepping Motor Driver IC Using PWM Chopper Type
TB62209F TOSHIBA-TB62209F Datasheet
1Mb / 51P
   Stepping Motor Driver IC Using PWM Chopper Type
TB62200AF TOSHIBA-TB62200AF Datasheet
2Mb / 56P
   DUAL-STEPPING MOTOR DRIVER IC USING PWM CHOPPER TYPE
TB6560HQ TOSHIBA-TB6560HQ Datasheet
401Kb / 31P
   PWM Chopper-Type bipolar Stepping Motor Driver IC
TB6600HG TOSHIBA-TB6600HG Datasheet
1Mb / 35P
   PWM Chopper-Type bipolar Stepping Motor Driver IC
TB6564AHQ TOSHIBA-TB6564AHQ Datasheet
521Kb / 39P
   PWM Chopper-Type bipolar Stepping Motor Driver IC
2011-03-01
TB6600HQ TOSHIBA-TB6600HQ Datasheet
438Kb / 33P
   PWM Chopper-Type bipolar Stepping Motor Driver IC
2011-06-14
TB62201AFG TOSHIBA-TB62201AFG Datasheet
1Mb / 89P
   Dual-Stepping Motor Driver IC for OA Equipment Using PWM Chopper Type
TB62202AFG TOSHIBA-TB62202AFG Datasheet
1Mb / 84P
   Dual-Stepping Motor Driver IC for OA Equipment Using PWM Chopper Type
TC78S121FTG TOSHIBA-TC78S121FTG Datasheet
668Kb / 30P
   PWM Chopper Type Dual-Stepping Motor Driver
2017-09-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com