Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB62209FG Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TB62209FG
Description  Stepping Motor Driver IC Using PWM Chopper Type
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62209FG Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TB62209FG_14 Datasheet HTML 7Page - Toshiba Semiconductor TB62209FG_14 Datasheet HTML 8Page - Toshiba Semiconductor TB62209FG_14 Datasheet HTML 9Page - Toshiba Semiconductor TB62209FG_14 Datasheet HTML 10Page - Toshiba Semiconductor TB62209FG_14 Datasheet HTML 11Page - Toshiba Semiconductor TB62209FG_14 Datasheet HTML 12Page - Toshiba Semiconductor TB62209FG_14 Datasheet HTML 13Page - Toshiba Semiconductor TB62209FG_14 Datasheet HTML 14Page - Toshiba Semiconductor TB62209FG_14 Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
TB62209FG
2014-10-01
11
Pin Description 3
Pin Number
Pin Name
Function
Remarks
25
NC
Not connected
Not wired
26
OUT A
Channel A output pin
27
PGND
Power ground pin
Connect all power ground pins and VSS to GND.
FIN
FIN
Logic ground pin
The pin functions as a heat sink. Design pattern
taking heat into consideration.
28
PGND
Power ground pin
Connect all power ground pins to GND.
29
OUT B
Channel B output pin
30
NC
Not connected
Not wired
31
DATA MODE
Clock input and PWM
H: Controls external PWM.
L: CLK-IN mode
We recommend this pin normally be used as
CLK-IN mode pin (Low).
In PWM mode, functions such as constant
current control do not operate. Fix DATA MODE
at the L level.
32
RESET
Initializes electrical angle.
Forcibly initializes electrical angle.
At this time we recommend ENABLE pin be set
to Low to prevent miss operation.
H: Resets electrical angle.
L: Normal operation
33
OUT B
Channel B output pin
34
ENABLE
Output enable pin
Forcibly turns all output transistors off.
35
CLK
Inputs CLK for determining number of motor
rotations.
Electrical angle is incremented by one for each
CLK input.
CLK is reflected at rising edge.
36
CR
Chopping reference frequency reference pin (for
setting chopping frequency)
Determines chopping frequency.


Similar Part No. - TB62209FG_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62209FG TOSHIBA-TB62209FG Datasheet
504Kb / 51P
   Stepping Motor Driver IC Using PWM Chopper Type
More results

Similar Description - TB62209FG_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62209FG TOSHIBA-TB62209FG Datasheet
504Kb / 51P
   Stepping Motor Driver IC Using PWM Chopper Type
TB62209F TOSHIBA-TB62209F Datasheet
1Mb / 51P
   Stepping Motor Driver IC Using PWM Chopper Type
TB62200AF TOSHIBA-TB62200AF Datasheet
2Mb / 56P
   DUAL-STEPPING MOTOR DRIVER IC USING PWM CHOPPER TYPE
TB6560HQ TOSHIBA-TB6560HQ Datasheet
401Kb / 31P
   PWM Chopper-Type bipolar Stepping Motor Driver IC
TB6600HG TOSHIBA-TB6600HG Datasheet
1Mb / 35P
   PWM Chopper-Type bipolar Stepping Motor Driver IC
TB6564AHQ TOSHIBA-TB6564AHQ Datasheet
521Kb / 39P
   PWM Chopper-Type bipolar Stepping Motor Driver IC
2011-03-01
TB6600HQ TOSHIBA-TB6600HQ Datasheet
438Kb / 33P
   PWM Chopper-Type bipolar Stepping Motor Driver IC
2011-06-14
TB62201AFG TOSHIBA-TB62201AFG Datasheet
1Mb / 89P
   Dual-Stepping Motor Driver IC for OA Equipment Using PWM Chopper Type
TB62202AFG TOSHIBA-TB62202AFG Datasheet
1Mb / 84P
   Dual-Stepping Motor Driver IC for OA Equipment Using PWM Chopper Type
TC78S121FTG TOSHIBA-TC78S121FTG Datasheet
668Kb / 30P
   PWM Chopper Type Dual-Stepping Motor Driver
2017-09-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com