Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-007796-000SMB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-007796-000SMB
Description  Low Noise FTTx Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-007796-000SMB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAM-007796-000SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-007796-000SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-007796-000SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-007796-000SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-007796-000SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Low Noise FTTx Amplifier
50 - 1000 MHz
Rev. V3
MAAM-007796
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Low Distortion
 Low Noise Figure
 Lead-Free 4 mm 20-Lead PQFN Package
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
Description
M/A-COM’s MAAM-007796 is a GaAs PHEMT
MMIC amplifier in a lead-free 4 mm 20-lead PQFN
package. The Amplifier is designed to meet the high
gain, high linearity and low noise requirements of
FTTx receivers.
Parameter
Absolute Maximum
Input Power
+5 dBm
Operating Voltage
+10 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings 3,4
Functional Schematic
Pin No.
Pin Name
Description
1
N/C
No Connection
2
N/C
No Connection
3
N/C
No Connection
4
N/C
No Connection
5
RFOUT
RF Output
6
N/C
No Connection
7
N/C
No Connection
8
N/C
No Connection
9
N/C
No Connection
10
N/C
No Connection
11
IN_STG2
STAGE 2 RF Input
12
N/C
No Connection
13
N/C
No Connection
14
N/C
No Connection
15
OUT_STG1
STAGE 1 RF Output
16
N/C
No Connection
17
N/C
No Connection
18
N/C
No Connection
19
N/C
No Connection
20
RFIN
RF Input
Pin Configuration 5
Ordering Information 1,2
Part Number
Package
MAAM-007796-TR1000
1000 piece reel
MAAM-007796-TR3000
3000 piece reel
MAAM-007796-000SMB
Sample Test Board
5. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near
these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
RFIN N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
RFOUT
OUT_
STG1
N/C
N/C
N/C
IN_
STG2
N/C
N/C
N/C
N/C
N/C
te
xt
te
xt
te
xt
te
xt
te
xt
te
xt
te
xt
te
xt
te
xt
te
xt
1
20
5
11
15
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.


Similar Part No. - MAAM-007796-000SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM-007796-000SMB MACOM-MAAM-007796-000SMB Datasheet
154Kb / 4P
   Low Noise FTTx Amplifier 50 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAM-007796-000SMB MA-COM-MAAM-007796-000SMB Datasheet
157Kb / 4P
   Low Noise FTTx Amplifier 50 - 1000 MHz
More results

Similar Description - MAAM-007796-000SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-010239-V1 MA-COM-MAAM-010239-V1 Datasheet
239Kb / 4P
   Low Noise FTTx Amplifier
MAAM-007796 MA-COM-MAAM-007796 Datasheet
157Kb / 4P
   Low Noise FTTx Amplifier
MAAM-010239 MA-COM-MAAM-010239_15 Datasheet
900Kb / 5P
   Low Noise FTTx Amplifier
logo
Tyco Electronics
MAAM-007796-000000 MACOM-MAAM-007796-000000 Datasheet
154Kb / 4P
   Low Noise FTTx Amplifier 50 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAM-007796 MA-COM-MAAM-007796 Datasheet
157Kb / 4P
   Low Noise FTTx Amplifier 50 - 1000 MHz
logo
Tyco Electronics
MAAM-008644 MACOM-MAAM-008644 Datasheet
154Kb / 4P
   Low Noise FTTx Amplifier 50 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAM-008863 MA-COM-MAAM-008863_15 Datasheet
327Kb / 8P
   FTTx RF Amplifier
MAAM-008863-V3 MA-COM-MAAM-008863-V3 Datasheet
327Kb / 8P
   FTTx RF Amplifier
logo
Skyworks Solutions Inc.
ACA2604 SKYWORKS-ACA2604 Datasheet
1Mb / 16P
   870 MHz FTTx RF Amplifier
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com