Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-009116-000000 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-009116-000000
Description  High Dynamic Range IF Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-009116-000000 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAM-009116-000000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-009116-000000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-009116-000000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-009116-000000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-009116-000000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
High Dynamic Range IF Amplifier
50 - 1000 MHz
Rev. V2
MAAM-009116
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Typical Performance Curves
IP3
Gain
Input Return Loss
Output Return Loss
Gain
Noise Figure
0
1
2
3
4
400
450
500
550
600
+25°C
-40°C
+85°C
Frequency (MHz)
10
20
30
40
50
-5
0
5
10
15
20
25
+25°C
-40°C
+85°C
P
OUT
(dBm)
5
10
15
20
25
0
200
400
600
800
1000
+25°C
-40°C
+85°C
Frequency (MHz)
-25
-20
-15
-10
-5
0
0
200
400
600
800
1000
+25°C
-40°C
+85°C
Frequency (MHz)
-30
-25
-20
-15
-10
-5
0
0
200
400
600
800
1000
+25°C
-40°C
+85°C
Frequency (MHz)
10
15
20
25
30
-5
0
5
10
15
20
25
+25°C
-40°C
+85°C
P
OUT
(dBm)


Similar Part No. - MAAM-009116-000000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-009116-000000 MA-COM-MAAM-009116-000000 Datasheet
211Kb / 4P
   High Dynamic Range IF Amplifier 50 - 1000 MHz
More results

Similar Description - MAAM-009116-000000

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH31-G TRIQUINT-AH31-G_15 Datasheet
664Kb / 7P
   High Dynamic Range IF Amplifier
logo
M/A-COM Technology Solu...
MAAM-009116 MA-COM-MAAM-009116 Datasheet
211Kb / 4P
   High Dynamic Range IF Amplifier
logo
WJ Communication. Inc.
AH31-RFID WJCI-AH31-RFID Datasheet
270Kb / 8P
   High Dynamic Range IF Amplifier
logo
List of Unclassifed Man...
AH31 ETC-AH31 Datasheet
323Kb / 9P
   High Dynamic Range IF Amplifier
logo
WJ Communication. Inc.
AH31 WJCI-AH31 Datasheet
326Kb / 7P
   High Dynamic Range IF Amplifier
logo
Mini-Circuits
PSA-0012 MINI-PSA-0012 Datasheet
145Kb / 1P
   High Dynamic Range Monolithic IF Amplifier
logo
M/A-COM Technology Solu...
MAAM-009116 MA-COM-MAAM-009116 Datasheet
211Kb / 4P
   High Dynamic Range IF Amplifier 50 - 1000 MHz
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
   High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
   High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH1-1 WJCI-AH1-1 Datasheet
231Kb / 5P
   High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com