Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCK321G Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TCK321G
Description  36 V, Dual Inputs ??Single Output Power Multiplexer IC with Over Voltage Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCK321G Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TCK321G Datasheet HTML 1Page - Toshiba Semiconductor TCK321G Datasheet HTML 2Page - Toshiba Semiconductor TCK321G Datasheet HTML 3Page - Toshiba Semiconductor TCK321G Datasheet HTML 4Page - Toshiba Semiconductor TCK321G Datasheet HTML 5Page - Toshiba Semiconductor TCK321G Datasheet HTML 6Page - Toshiba Semiconductor TCK321G Datasheet HTML 7Page - Toshiba Semiconductor TCK321G Datasheet HTML 8Page - Toshiba Semiconductor TCK321G Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TCK321G, TCK322G
2015-10-20
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Input voltage
VINA, VINB
-0.3 to 40
V
Control voltage
VCNT, VSEL
-0.3 to 6
V
Output voltage
VOUT
-0.3 to 18
V
FLAG voltage
VFLAG
-0.3 to 6
V
Output current
IOUT
DC
2.0
A
Pulse
3.0
(Note 1)
Power dissipation
PD
1.65
(Note 2)
W
Operating temperature range
Topr
−40 to 85
°C
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability
Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e.
reliability test report and estimated failure rate, etc).
Note1: 1 ms pulse, 1% duty cycle
Note2: Rating at mounting on a board: FR4 board. ( 40 mm
× 40 mm × 1.6 mm, Cu 4 layer )
Pin Assignment (Top view/Bottom bump)
Product list
Part number
Over voltage lockout
VINA
Over voltage lockout
VINB
FLAG monitored in
auto selection mode
TCK321G
12.0 V (typ.)
12.0 V (typ.)
Q1
TCK322G
15.0 V (typ.)
15.0 V (typ.)
Q1
Please ask your local retailer about the devices with other OVLO, logic and functions.
1
2
3
4
A
FLAG
VSEL
CNT
GND
B
VINA
VOUT
VOUT
VINB
C
VINA
VOUT
VOUT
VINB
D
VINA
VOUT
VOUT
VINB
1
2
A
B
C
3
D
4


Similar Part No. - TCK321G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCK301G TOSHIBA-TCK301G Datasheet
399Kb / 11P
   28 V, Single input ??Single Output Load Switch IC with Over Voltage Protection
TCK302G TOSHIBA-TCK302G Datasheet
399Kb / 11P
   28 V, Single input ??Single Output Load Switch IC with Over Voltage Protection
TCK303G TOSHIBA-TCK303G Datasheet
399Kb / 11P
   28 V, Single input ??Single Output Load Switch IC with Over Voltage Protection
TCK304G TOSHIBA-TCK304G Datasheet
344Kb / 11P
   28 V, Single input ??Single Output Load Switch IC with Over Voltage Protection
TCK305G TOSHIBA-TCK305G Datasheet
344Kb / 11P
   28 V, Single input ??Single Output Load Switch IC with Over Voltage Protection
More results

Similar Description - TCK321G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCK304G TOSHIBA-TCK304G Datasheet
344Kb / 11P
   28 V, Single input ??Single Output Load Switch IC with Over Voltage Protection
TCK305G TOSHIBA-TCK305G Datasheet
344Kb / 11P
   28 V, Single input ??Single Output Load Switch IC with Over Voltage Protection
TCK301G TOSHIBA-TCK301G Datasheet
399Kb / 11P
   28 V, Single input ??Single Output Load Switch IC with Over Voltage Protection
logo
Kinetic Technologies.
KTS1682 KINETIC-KTS1682 Datasheet
436Kb / 12P
   4 Amp Over-Voltage Protection IC with Sense Output
August 2020 - Revision 04c Page
KTS1668 KINETIC-KTS1668 Datasheet
494Kb / 12P
   4 Amp Over-Voltage Protection IC with Sense Output
July 2021 - Revision 03a
KTS1681 KINETIC-KTS1681 Datasheet
461Kb / 12P
   4 Amp Over-Voltage Protection IC with Sense Output
August 2020 - Revision 04d
KTS1681A KINETIC-KTS1681A Datasheet
479Kb / 13P
   4 Amp Over-Voltage Protection IC with Sense Output
December 2018 - Revision 04d
logo
Richtek Technology Corp...
RT9718 RICHTEK-RT9718 Datasheet
222Kb / 10P
   Over Voltage Protection IC
logo
Silicon Mitus, Inc.
SM5336 SILICONMITUS-SM5336 Datasheet
272Kb / 3P
   Over-Voltage Protection IC with Smart Thermal Protection
May 2021 - Rev. 0.0.0
logo
Bel Fuse Inc.
0RQB-C5U54H BEL-0RQB-C5U54H Datasheet
457Kb / 11P
   Output Over-Voltage Protection Over Temperature Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com