Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP2358 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP2358
Description  Inverter logic type (totem pole output)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2358 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP2358 Datasheet HTML 1Page - Toshiba Semiconductor TLP2358 Datasheet HTML 2Page - Toshiba Semiconductor TLP2358 Datasheet HTML 3Page - Toshiba Semiconductor TLP2358 Datasheet HTML 4Page - Toshiba Semiconductor TLP2358 Datasheet HTML 5Page - Toshiba Semiconductor TLP2358 Datasheet HTML 6Page - Toshiba Semiconductor TLP2358 Datasheet HTML 7Page - Toshiba Semiconductor TLP2358 Datasheet HTML 8Page - Toshiba Semiconductor TLP2358 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TLP2358
2
4.
4.
4.
4. Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
11-4L1S
1: Anode
3: Cathode
4: GND
5: VO (output)
6: VCC
5.
5.
5.
5. Internal Circuit (Note)
Internal Circuit (Note)
Internal Circuit (Note)
Internal Circuit (Note)
Note:
A 0.1-µF bypass capacitor must be connected between pin 6 and pin 4.
6.
6.
6.
6. Principle of Operation
Principle of Operation
Principle of Operation
Principle of Operation
6.1.
6.1.
6.1.
6.1. Truth Table
Truth Table
Truth Table
Truth Table
Input
H
L
LED
ON
OFF
Output
L
H
6.2.
6.2.
6.2.
6.2. Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Characteristics
Creepage distances
Clearance
Internal isolation thickness
Min
5.0
5.0
0.4
Unit
mm
2016-01-19
Rev.4.0
©2016 Toshiba Corporation


Similar Part No. - TLP2358

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2355 TOSHIBA-TLP2355 Datasheet
261Kb / 11P
   Photocouplers GaA - As Infrared LED and Photo IC
More results

Similar Description - TLP2358

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2160 TOSHIBA-TLP2160 Datasheet
328Kb / 14P
   Inverter logic type (Totem pole output)
TLP2361 TOSHIBA-TLP2361 Datasheet
424Kb / 16P
   Inverter logic type (Totem pole output)
TLP250H TOSHIBA-TLP250H Datasheet
329Kb / 16P
   Buffer logic type (totem pole output)
logo
Sharp Corporation
IS431 SHARP-IS431 Datasheet
136Kb / 4P
   TOTEM POLE OUTPUT TYPE OPIC LIGHT DETECTOR
logo
Toshiba Semiconductor
TLP714 TOSHIBA-TLP714 Datasheet
396Kb / 15P
   Inverter logic type (open collector output)
TLP754 TOSHIBA-TLP754_15 Datasheet
408Kb / 15P
   Inverter logic type (open collector output)
TLP2168 TOSHIBA-TLP2168_15 Datasheet
453Kb / 16P
   Inverter logic type (open collector output)
logo
Renesas Technology Corp
PS9303L RENESAS-PS9303L_15 Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
RV1S9209A RENESAS-RV1S9209A Datasheet
5Mb / 16P
   LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER,
Mar 29,2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com