Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP5214 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP5214
Description  Isolated IGBT/Power MOSFET gate drive
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP5214 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP5214 Datasheet HTML 1Page - Toshiba Semiconductor TLP5214 Datasheet HTML 2Page - Toshiba Semiconductor TLP5214 Datasheet HTML 3Page - Toshiba Semiconductor TLP5214 Datasheet HTML 4Page - Toshiba Semiconductor TLP5214 Datasheet HTML 5Page - Toshiba Semiconductor TLP5214 Datasheet HTML 6Page - Toshiba Semiconductor TLP5214 Datasheet HTML 7Page - Toshiba Semiconductor TLP5214 Datasheet HTML 8Page - Toshiba Semiconductor TLP5214 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TLP5214
2015-12-26
1
Unit: mm
Weight: 0.37 g (typ.)
TOSHIBA
11-10M1
Photocouplers GaA
ℓAs Infrared LED & Photo IC
TLP5214
Isolated IGBT/Power MOSFET gate drive
AC and brushless DC motor drives
Industrial Inverters and Uninterruptible Power Supply (UPS)
The TLP5214 is a highly integrated 4.0A output current IGBT gate drive photo-
coupler housed in a long creepage and clearance SO16L package.
The TLP5214, a smart gate driver photocoupler, includes functions of IGBT
desaturation detection, isolated fault status feedback, soft IGBT turn-off, active
Miller cramping and under voltage lockout (UVLO).
This photocoupler is suitable for driving IGBT and power MOSFET used in
inverter applications.
The TLP5214 consists two GaA
ℓAs infrared light-emitting diodes (LEDs) and two
high-gain and high-speed ICs. They realize high current, high-speed output control
and output fault status feedback.
• Peak output current:
±4.0 A (max)
• Guaranteed performance over temperature:
−40°C to 110°C
• Supply current:
3.5 mA (max)
• Power supply voltage:
15 V to 30 V
• Threshold input current:
IFLH = 6 mA (max)
• Switching time (tpLH / tpHL) :
150 ns (max)
• Common mode transient immunity:
±35 kV/
μs (min)
• Isolation voltage:
5000 Vrms (min)
• UL approved : UL1577, File No.E67349
• c-UL approved :CSA Component Acceptance Service
No. 5A, File No.E67349
• Option (D4) VDE approved : DIN EN60747-5-5(Note)
EN60065 or EN60950-1,
EN62368-1
• CQC-approved: GB4943.1, GB8898 Japan Factory
Note : When a EN60747-5-5 approved type is needed, please designate “Option(D4)”
Truth Table
IF
UVLO
(VCC2-VE)
DESAT
(14Pin DESAT Terminal Input)
FAULT
(3Pin FAULT Terminal Output)
VO
OFF
Not Active ( > VUVLO
+)
Not Active
High
Low
ON
Not Active ( > VUVLO
+)
Low ( < VDESATth)
High
High
ON
Not Active ( > VUVLO
+)
High ( > VDESATth)
Low ( FAULT)
Low
ON
Active ( < VUVLO
-)
Not Active
High
Low
OFF
Active ( < VUVLO
-)
Not Active
High
Low
Start of commercial production
2014-05
• Construction mechanical rating
SO16L
Height
Creepage Distance
Clearance
Insulation Thickness
2.3 mm (max)
8.0 mm (min)
8.0 mm (min)
0.4 mm (min)


Similar Part No. - TLP5214

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP5214A TOSHIBA-TLP5214A Datasheet
1Mb / 19P
   Photocouplers Infrared LED & Photo IC
2019-10-30
More results

Similar Description - TLP5214

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS480P ISOCOM-IS480P Datasheet
1Mb / 15P
   Isolated IGBT/MOSFET Gate Drive
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100-500E AVAGO-HCPL-3100-500E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-3100 HP-HCPL-3100 Datasheet
233Kb / 10P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100-300E AVAGO-HCPL-3100-300E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3101-000E AVAGO-HCPL-3101-000E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
ISOCOM COMPONENTS
IS314P ISOCOM-IS314P Datasheet
3Mb / 17P
   IGBT/MOSFET Gate Drive
ICPL3120 ISOCOM-ICPL3120 Datasheet
1Mb / 14P
   IGBT/MOSFET Gate Drive
IS314W ISOCOM-IS314W Datasheet
991Kb / 17P
   IGBT/MOSFET Gate Drive
IS341W ISOCOM-IS341W Datasheet
1Mb / 17P
   IGBT/MOSFET Gate Drive
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100 AVAGO-HCPL-3100 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers Uninterruptable power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com