Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCR2DG23 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TCR2DG23
Description  Low Noise 200 mA CMOS Low Drop-Out Regulator in ultra small package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2DG23 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TCR2DG23 Datasheet HTML 1Page - Toshiba Semiconductor TCR2DG23 Datasheet HTML 2Page - Toshiba Semiconductor TCR2DG23 Datasheet HTML 3Page - Toshiba Semiconductor TCR2DG23 Datasheet HTML 4Page - Toshiba Semiconductor TCR2DG23 Datasheet HTML 5Page - Toshiba Semiconductor TCR2DG23 Datasheet HTML 6Page - Toshiba Semiconductor TCR2DG23 Datasheet HTML 7Page - Toshiba Semiconductor TCR2DG23 Datasheet HTML 8Page - Toshiba Semiconductor TCR2DG23 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TCR2DG series
2014-03-01
1
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TCR2DG series
Low Noise 200 mA CMOS Low Drop-Out Regulator in ultra small package
The TCR2DG series are CMOS general-purpose single-output
voltage regulators with an on/off control input, featuring low dropout
voltage, low quiescent bias current and fast load transient response.
These voltage regulators are available in fixed output voltages
between 1.2 V and 3.6 V and capable of driving up to 200 mA. They
feature overcurrent protection and thermal shut down function.
The TCR2DG series is offered in the ultra small package WCSP4
( 0.79 mm x 0.79 mm x 0.5 mm). It has a low dropout voltage of 75
mV ( 2.5 V output, IOUT = 100 mA) with low output noise voltage of 18
μVrms (2.5 V output) and a load transient response of only
VOUT = ±65 mV ( IOUT = 1 mA⇔150 mA, COUT =1.0 μF).
As small ceramic input and output capacitors can be used with the
TCR2DG series, these devices are ideal for portable applications that require high-density board assembly such as
cellular phones.
Features
Low Drop-out Voltage ( VIN-VOUT = 75 mV (typ.) at 2.5 V-output, IOUT = 100 mA )
Low quiescent bias current ( IB = 45 μA (typ.) at IOUT = 0 mA )
Low stand-by current ( IB(OFF) = 0.1 μA (typ.) at Stand-by mode )
Low output noise voltage
VNO = 22 μVrms (typ.) at 3.0 V-output, IOUT = 10 mA, 10 Hz < f < 100 kHz
VNO = 18 μVrms (typ.) at 2.5 V-output, IOUT = 10 mA, 10 Hz < f < 100 kHz
VNO = 14 μVrms (typ.) at 1.2 V-output, IOUT = 10 mA, 10 Hz < f < 100 kHz
High ripple rejection ratio
R.R = 75 dB (typ.) at 2.5 V-output, IOUT = 10 mA, f =1kHz
R.R = 62 dB (typ.) at 2.5 V-output, IOUT = 10 mA, f =10kHz
R.R = 50 dB (typ.) at 2.5 V-output, IOUT = 10 mA, f =100kHz
Fast load transient response (⊿VOUT = ±65 mV (typ.) at IOUT = 1mA ⇔ 150 mA, COUT =1.0 μF )
Output voltage accuracy ±1.0 %
Over current protection
Thermal shut down function
Built-in inrush current reduction circuit
Pull down connection between CONTROL and GND
Ceramic capacitors can be used ( CIN = 0.47μF, COUT =1.0 μF )
Ultra small package, WCSP4 ( 0.79 mm x 0.79 mm x 0.50 mm )
Pin Assignment (top view)
WCSP4
Weight : 0.7 mg (typ.)
VOUT
(B1)
CONTROL
(A2)
GND
(A1)
VIN
(B2)
Start of commercial production
2013-01


Similar Part No. - TCR2DG23

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TCR22-4 LITTELFUSE-TCR22-4 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
TCR22-4 ETC2-TCR22-4 Datasheet
205Kb / 12P
   RoHS Compliant
TCR22-4 ETC2-TCR22-4 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Littelfuse
TCR22-6 LITTELFUSE-TCR22-6 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
TCR22-6 ETC2-TCR22-6 Datasheet
205Kb / 12P
   RoHS Compliant
More results

Similar Description - TCR2DG23

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR2EN10 TOSHIBA-TCR2EN10 Datasheet
1Mb / 15P
   200 mA CMOS Low Drop-Out Regulator in ultra small package
TCR2BE10 TOSHIBA-TCR2BE10 Datasheet
282Kb / 18P
   200 mA CMOS Low Drop-Out Regulator with Auto-discharge
TCR2EF15 TOSHIBA-TCR2EF15 Datasheet
1Mb / 16P
   200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
logo
NXP Semiconductors
LD6806 PHILIPS-LD6806 Datasheet
2Mb / 36P
   Ultra low-dropout regulator, low noise, 200 mA
Rev. 3-9 December 2011
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
204Kb / 7P
   250 mA Low Drop Out Voltage Regulator
logo
Lowpower Semiconductor ...
LP3984 POWER-LP3984 Datasheet
382Kb / 8P
   300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3983S POWER-LP3983S Datasheet
511Kb / 8P
   300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3989 POWER-LP3989 Datasheet
610Kb / 8P
   600mA,Ultra-low noise, Small Package, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com