Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-010373 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-010373
Description  Broadband CATV Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-010373 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAM-010373_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-010373_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-010373_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-010373_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-010373_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-010373_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Broadband CATV Amplifier
50 - 1100 MHz
Rev. V2
MAAM-010373
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
dB
20
22
24
Gain Flatness
dB
+/- 0.5
1
Noise Figure
dB
2.2
3
Input Return Loss
dB
18
Output Return Loss
dB
20
Reverse Isolation
dB
25
Output IP3
6 MHz Spacing, -10 dBm output per tone
dBm
40
Output IP2
6 MHz Spacing, -10 dBm output per tone
dBm
50
Composite Triple Beat, CTB
80 ch. NTSC flat, +33 dBmV / ch. at the output
dBc
-74
Composite Second Order, CSO
80 ch. NTSC flat +33 dBmV / ch. at the output
dBc
-62
P1dB
403.25 MHz
dBm
25
IDD
8 Volts
mA
148
165
Electrical Specifications: TA = 25°C, Freq: 50 - 1000 MHz, VDD = 8 Volts, Z0 = 75 Ω
Schematic Including Off-Chip Components
Off-Chip Component Values
Component
Value
Package
C1
1.5 pF
0402
C2, C3, C4
0.01 µF
0402
C5
270 pF
0402
C6
0.5 pF
0402
L1
10 nH
0402
L27
1 µH
1210
L3
8.2 nH
0402
R1
360 Ω
0402
R2
715 Ω
0402
R3
0 Ω
0805
R4
2Ω
0805
7. L2 is EPCOS part number B82422A1102K100.


Similar Part No. - MAAM-010373_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-010373-000000 MA-COM-MAAM-010373-000000 Datasheet
195Kb / 5P
   Broadband CATV Amplifier
MAAM-010373-001SMB MA-COM-MAAM-010373-001SMB Datasheet
195Kb / 5P
   Broadband CATV Amplifier
MAAM-010373-TR1000 MA-COM-MAAM-010373-TR1000 Datasheet
195Kb / 5P
   Broadband CATV Amplifier
MAAM-010373-TR3000 MA-COM-MAAM-010373-TR3000 Datasheet
195Kb / 5P
   Broadband CATV Amplifier
More results

Similar Description - MAAM-010373_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-010373 MA-COM-MAAM-010373 Datasheet
195Kb / 5P
   Broadband CATV Amplifier
MAAMSS0060 MA-COM-MAAMSS0060 Datasheet
188Kb / 6P
   Broadband CATV Amplifier
MAAMSS0041 MA-COM-MAAMSS0041 Datasheet
169Kb / 4P
   Broadband CATV Amplifier
MAAM-009633 MA-COM-MAAM-009633 Datasheet
203Kb / 4P
   Broadband CATV Amplifier
MAAMSS0041 MA-COM-MAAMSS0041_15 Datasheet
169Kb / 4P
   Broadband CATV Amplifier
MAAMSS0042 MA-COM-MAAMSS0042_15 Datasheet
158Kb / 4P
   Broadband CATV Amplifier
MAAMSS0041 MA-COM-MAAMSS0041_16 Datasheet
892Kb / 5P
   Broadband CATV Amplifier
MAAMSS0060 MA-COM-MAAMSS0060_15 Datasheet
857Kb / 7P
   Broadband CATV Amplifier
MAAMSS0042 MA-COM-MAAMSS0042 Datasheet
158Kb / 4P
   Broadband CATV Amplifier
MAAM-009100 MA-COM-MAAM-009100 Datasheet
164Kb / 4P
   Broadband CATV Amplifier
MAAM-009100 MA-COM-MAAM-009100_15 Datasheet
887Kb / 5P
   Broadband CATV Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com