Electronic Components Datasheet Search |
|
MAAM-010373-TR3000 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
MAAM-010373-TR3000 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
1 / 6 page 1 Broadband CATV Amplifier 50 - 1100 MHz Rev. V2 MAAM-010373 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support Functional Schematic Features 75 Ω Input / Output Match Low Noise Figure: 2.2 dB High Gain: 22 dB High Linearity: -74 dBc CTB, -62 dBc CSO High ESD Threshold:HBM Class 1B Lead Free SOT-89 Package Halogen-Free “Green” Mold Compound RoHS* Compliant and 260°C Reflow Compatible Description The MAAM-010373 CATV amplifier is a GaAs MMIC that exhibits low distortion and high gain in a lead- free surface mount package. The MAAM-010373 employs a monolithic single stage design featuring a convenient 75 Ω input/ output impedance that minimizes the number of external components required. The MAAM-010373 is fabricated using a pHEMT process to realize low noise and low distortion. The process features full passivation for robust performance and reliability. Absolute Maximum Ratings 3,4,5 Parameter Absolute Maximum RF Input Power 6 dBm Voltage 10 volts Operating Temperature -40°C to +85°C Junction Temperature6 +150°C Storage Temperature -65°C to +150°C Pin Configuration Pin No. Pin Name Description 1 RFIN RF Input 2 GND Ground 3 RFOUT RF Output / Drain Supply Ordering Information 1,2 Part Number Package MAAM-010373-000000 Bulk Packaging MAAM-010373-TR1000 1000 piece reel MAAM-010373-TR3000 3000 piece reel MAAM-010373-001SMB Sample Test Board * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. RFIN RFOUT Pin 1 GND GND 1. Reference Application Note M513 for reel size information. 2. All sample boards include 5 loose parts. 3. Exceeding any one or combination of these limits may cause permanent damage to this device. 4. M/A-COM Technology Solutions does not recommend sustained operation near these survivability limits. 5. Operating at nominal conditions with TJ ≤ +150°C will ensure MTTF > 1 x 106 hours. 6. Junction Temperature (TJ) = TC + Өjc * ((V * I) - (POUT - PIN)) Typical thermal resistance (Өjc) = 32 °C/W. a) For TC = 25 °C, TJ = 63 °C @ 8 V, 148 mA b) For TC = 85 °C, TJ = 123 °C @ 8 V, 148 mA |
Similar Part No. - MAAM-010373-TR3000 |
|
Similar Description - MAAM-010373-TR3000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |